PART |
Description |
Maker |
FGD3040G2 FGD3040G2F085 |
EcoSPARK 300mJ, 400V, N-Channel Ignition IGBT EcoSPARK®2 300mJ, 400V, N-Channel Ignition IGBT EcoSPARK?2 300mJ, 400V, N-Channel Ignition IGBT
|
Fairchild Semiconductor
|
ISL9V3040D3S ISL9V3040S3 ISL9V3040P3 ISL9V3040S3S |
EcoSPARKTM 300mJ/ 400V/ N-Channel Ignition IGBT EcoSPARKTM 300mJ 400V N-Channel Ignition IGBT EcoSPARK 300mJ, 400V, N-Channel Ignition IGBT EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
FGB3040CS |
EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
|
http:// Fairchild Semiconductor
|
FGD4536 |
360V, PDP IGBT
|
Fairchild Semiconductor
|
IRG7IA13U IRG7IA13UPBF |
360V PDP Trench IGBT in a TO-220 FullPak package
|
International Rectifier
|
RJU3052SDPD-E0J2 |
360V - 20A - Single Diode Ultra Fast Recovery Diode
|
Renesas Electronics Corporation
|
RJU3051SDPE-00J3 |
360V - 10A - Single Diode Ultra Fast Recovery Diode
|
Renesas Electronics Corporation
|
MAX6381 MAX6381XRD-T MAX6382 MAX6382XRD-T MAX6383 |
4.63 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.63 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.19 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.31 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.67 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 140 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 20 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.63 V, 1120 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 140 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 1 ms, SC70, single/dual low-voltage, low-power mP reset circuit Analog IC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 1024x4 CMOS RAM; Temperature Range: -55°C to 125°C; Package: 18-CerDIP 500MHz Rail-to-Rail Amplifier; Temperature Range: -55°C to 125°C; Package: 8-SBDIP 1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -55°C to 125°C; Package: 10-FlatPack ±15kV ESD Protected, 3.3V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 20-CLCC N-Channel Logic Level PWM Optimized UltraFET Trench Power MOSFETs; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel 360V EcoSPARK 500mJ N-Channel Ignition IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel SC70, Single/Dual Low-Voltage, Low-Power ?? Reset Circuits 700-mW Mono, Class-AB Audio Amplifier with Active High Shutdown 8-MSOP-PowerPAD 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Quad Operational Amplifier; Package: SOP; No of Pins: 14; Container: Rail 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SC70, Single/Dual Low-Voltage, Low-Power P Reset Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 DIODE SWITCHING DUAL COMMON-CATHODE 75V 215mA-Io 250mW 3000ns-trr SOT-23 3K/REEL SC70封装,单/双低电压,低功耗レP复位电路 CONNECT-CRIMP WL MT RCPT L/C SC70封装,单/双低电压,低功耗レP复位电路 *** UNUSED GENERIC #'S *** 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SC70 Single/Dual Low-Voltage Low-Power µ.P Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 SC70, Single/Dual Low-Voltage, Low-Power P Reset Circuits SC70封装,单/双低电压,低功耗レP复位电路 PCB PLUG-IN BASE FOR LPB RoHS Compliant: Yes SC70封装,单/双低电压,低功耗レP复位电路 700-mW Mono, Class-AB Audio Amplifier with Mono Headphone Drive 8-SOIC -40 to 85 SC70封装,单/双低电压,低功耗レP复位电路 SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits SC70封装,单/双低电压,低功耗レP复位电路 1.25-W Mono, Fully Differential, Class-AB Audio Amp w/ 1.8V Compatible Shutdown Voltage (TPA6205) 8-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 3.1-W Mono, Fully Differential, Class-AB Audio Amplifier 8-SON 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 1.7-W Mono, Fully Differential, Class-AB Audio Amplifier 8-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 3.1-W Mono, Fully Differential, Class-AB Audio Amplifier 8-MSOP-PowerPAD 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 1.25-W Mono, Fully Differential, Class-AB Audio Amplifier 8-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active High Shutdown 8-SOIC -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active High Shutdown 8-SOIC -40 to 85 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 FC/PC F.O. SINGLE MODE IN-LINE ATTENUATOR 10DB SC70封装,单/双低电压,低功耗レP复位电路 N-Channel RF Amplifier; Package: TO-92; No of Pins: 3; Container: Tape & Reel SC70封装,单/双低电压,低功耗レP复位电路 N-Channel RF Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk SC70封装,单/双低电压,低功耗レP复位电路 N-Channel Switch; Package: TO-92; No of Pins: 3; Container: Tape & Reel SC70封装,单/双低电压,低功耗レP复位电路 N-Channel Switch; Package: TO-92; No of Pins: 3; Container: Ammo SC70封装,单/双低电压,低功耗レP复位电路 SC70, Single/Dual Low-Voltage, Low-Power レP Reset Circuits 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 CONNECT-CRIMP WL MT RCPT L/C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Fuses, 400mA 250V SB 5X15 BULK SC70封装,单/双低电压,低功耗レP复位电路 TWINAX T ADAPTER, JACK- JACK-J USB 2.0 B MALE (RT ANGLE)TO A M 4 FEET FF-LS Series, Type 4, Safety Light Curtain, 14 mm [0.55 in] resolution, 561 mm [22.10 in] protection height Chip Bead; Current Rating:200mA; Resistance:0.5ohm; Package/Case:1806; Frequency:100MHz; Impedance:150ohm; Impedance Tolerance: /- 25 Percent; Leaded Process Compatible:No; Mounting Type:Surface Mount RoHS Compliant: Yes CABLE ASSEMBLY; SMA MALE TO TNC MALE; 50 OHM, RG178B/U COAX 1A/650V 70KHz Power Switch; ; No of Pins: 8; Container: Rail SOLDER JAM NUT RECPT -SR SOLDER PLUG -SR 670MHz Low Noise Amplifiers; Temperature Range: -55°C to 125°C; Package: 8-SBDIP 500MHz Rail-to-Rail Amplifiers; Temperature Range: -55°C to 125°C; Package: 10-FlatPack ±15kV ESD Protected, 5.0V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 20-CLCC ±15kV ESD Protected, 3.3V, 1µA, 250kbps, RS-232 Transmitter/Receiver; Temperature Range: -55°C to 125°C; Package: 28-CLCC LOW DROP POSITIVE VOLTAGE REGULATORS 360V EcoSPARK 500mJ N-Channel Ignition IGBT; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel EcoSPARK 500mJ, 450V, N-Channel Ignition IGBT BOOT,HEATSHRINKABLE,STRAIN-RELIEF SC70 / Single/Dual Low-Voltage / Low-Power P Reset Circuits SC70 Single/Dual Low-Voltage Low-Power P Reset Circuits " SC70, Single/Dual Low- Voltage, Low-Power ?P Reset Circuits" SC70, Single/Dual Low-Voltage, Low-Power 楼矛P Reset Circuits SC70, Single/Dual Low-Voltage, Low-Power 渭P Reset Circuits SC70, Single/Dual Low-Voltage, Low-Power μP Reset Circuits SC70, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 700-mW Mono, Class-AB Audio Amplifier 8-SOIC 3.08 V, 20 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 1120 ms, SC70, single/dual low-voltage, low-power mP reset circuit 3.08 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 1 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 1120 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.58 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.67 V, 1 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.93 V, 1200 ms, SC70, single/dual low-voltage, low-power mP reset circuit 4.63 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 4.38 V, 560 ms, SC70, single/dual low-voltage, low-power mP reset circuit 2.63 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit 1.67 V, 280 ms, SC70, single/dual low-voltage, low-power mP reset circuit
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC 电源管理 友顺科技股份有限公司 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] http:// MAXIM - Dallas Semiconductor
|
30KP90A 30KP320A 30KP360A |
Diode TVS Single Uni-Dir 90V 30KW 2-Pin Case 5A Diode TVS Single Uni-Dir 320V 30KW 2-Pin Case D-6 Diode TVS Single Uni-Dir 360V 30KW 2-Pin Case D-6
|
New Jersey Semiconductors
|
ISL9V2040S3S ISL9V2040P3 ISL9V2040D3S |
EcoSPARK TM 200mJ, 400V, N-Channel Ignition IGBT EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT EcoSPARKTM 200mJ 400V N-Channel Ignition IGBT EcoSPARKTM 200mJ/ 400V/ N-Channel Ignition IGBT
|
FAIRCHILD[Fairchild Semiconductor]
|
5D-9T3CF2 5D-11 502GT-1 15TP551 15TP551N 15TP551T |
AT thermistor, 5KOhm ET thermistor, 83KOhm GT thermistor, 500KOhm D thermistor, 250Ohm Metal oxide varistor, 910V CT thermistor, 2.5KOhm ET thermistor, 59KOhm ET thermistor, 41KOhm ET thermistor, 40KOhm ET thermistor, 4KOhm IT thermistor, 20KOhm CT thermistor, 200KOhm ET thermistor, 232KOhm Gastube arrester, 400V GT thermistor, 1000KOhm GT thermistor, 100KOhm CT thermistor, 51KOhm CT thermistor, 20KOhm AT thermistor, 2KOhm D thermistor, 360Ohm CT thermistor, 100KOhm FT thermistor, 50KOhm Power thermistor Metal oxide varistor, 56V HT thermistor, 50KOhm HT thermistor, 30KOhm HT thermistor, 20KOhm GT thermistor, 1KOhm AT thermistor, 10KOhm BT thermistor, 100KOhm D thermistor, 100Ohm AT thermistor, 1KOhm D thermistor, 100KOhm Metal oxide varistor, 470V THERMOPILE TYPE INFRARED SENSOR FT thermistor / 10K Ohm 500W transient voltage suppressor, 15V ET thermistor, 10KOhm CT thermistor, 10KOhm FT thermistor, 10KOhm GT thermistor, 10KOhm HT thermistor, 10KOhm IT thermistor, 10KOhm JT thermistor HT thermistor, 100KOhm HT thermistor, 3KOhm HT thermistor, 5KOhm Metal oxide varistor, 820V Metal oxide varistor, 33V FT thermistor, 100KOhm CT thermistor, 11KOhm AT thermistor, 100KOhm AT thermistor, 20KOhm CT thermistor, 47KOhm ET thermistor, 100KOhm FT thermistor, 364KOhm Gastube arrester, 350V GT thermistor, 20KOhm ET thermistor, 226KOhm ET thermistor, 30KOhm ET thermistor, 50KOhm CT thermistor, 56KOhm IT thermistor, 100KOhm IT thermistor, 50KOhm IT thermistor, 30KOhm GT thermistor, 2KOhm 1500W transient voltage suppressor, 120V Metal oxide varistor, 120V Metal oxide varistor, 150V Metal oxide varistor, 18V Metal oxide varistor, 200V Metal oxide varistor, 22V Metal oxide varistor, 220V Metal oxide varistor, 240V Metal oxide varistor, 27V Metal oxide varistor, 330V Metal oxide varistor, 270V Metal oxide varistor, 360V Metal oxide varistor, 39V Metal oxide varistor, 390V Metal oxide varistor, 430V Metal oxide varistor, 47V Metal oxide varistor, 68V Metal oxide varistor, 82V
|
ETC[ETC] SEMITEC
|
|