PART |
Description |
Maker |
X9318WS8 X9318WS8Z X9318 X9318WP8 X9318WP8I X9318W |
Digitally Controlled Potentiometer Digitally Controlled Potwntiometer(XSCP) CRIMP SHELLS, DB25 MALE
|
INTERSIL[Intersil Corporation]
|
MX009 |
Digitally Controlled Amp Array OCTAL DIGITALLY CONTROLLED AMPLIFIER ARRAY
|
CML Microcircuits
|
X93156WM8IZ-2.7 X93156 X93156UM8I-2.7 X93156UM8IZ- |
Digitally Controlled Potentiometer :SEMITOP-4; Voltage, Vceo:600V; Voltage, Vce sat max:1.9V; Current, Ic continuous a Digitally Controlled Potentiometer 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
X9252 X9252TV24-2.7 X9252TV24I-2.7 X9252UV24-2.7 X |
Quad Digitally-Controlled (XDCPTM) Potentiometer Quad Digitally-Controlled (XDCP) potentiometer
|
XICOR[Xicor Inc.]
|
FX029 FX029DW |
Dual digitally controlled amplifier array Dual Digitally Controlled Amp Array
|
CONSUMER MICROCIRCUITS LIMITED
|
ISL9084106 ISL90841WIV1427Z ISL90841UIV1427Z |
Quad Digitally Controlled Potentiometers (XDCP? Quad Digitally Controlled Potentiometers (XDCP⑩)
|
INTERSIL[Intersil Corporation]
|
X9421YS16 X9421YS16IZ X9421YV14 X9421YV14I X9421YV |
Single Digitally Controlled (XDCP? Potentiometer Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R 2.5K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO14 Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R Single Voltage Potentiometer
|
Intersil Corporation Intersil, Corp.
|
X9430 X9430WS24 X9430WS24-2.7 X9430WS24I X9430WS24 |
Dual Digitally Controlled Potentiometer (XDCP⑩) with Operational Amplifier Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
|
XICOR[Xicor Inc.]
|
EP9604G-32 EP9604G-36 EP9604G-800 EP9604G-600 EP96 |
Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP Quad Digitally Controlled (XDCP™)Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料
|
NXP Semiconductors N.V.
|
EPA2398-60 EPA2398-600 EPA2398-40 EPA2398-35 EPA23 |
Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Delay Line 延迟
|
Belden, Inc. TE Connectivity, Ltd. EPCOS AG
|
X9116WM8Z |
Digitally Controlled Potentiometer
|
Intersil Corporation
|