PART |
Description |
Maker |
ISL9084106 ISL90841WIV1427Z ISL90841UIV1427Z |
Quad Digitally Controlled Potentiometers (XDCP? Quad Digitally Controlled Potentiometers (XDCP⑩)
|
INTERSIL[Intersil Corporation]
|
ISL22343UFR20Z ISL22343WFV20Z ISL22343UFV20Z |
Quad Digitally Controlled Potentiometer XDCP Quad Digitally Controlled Potentiometer (XDCP™), Low Noise, Low Power, I2C® Bus, 256 Taps; Temperature Range: Full-Range Ind; Package: 20-QFN 50K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PQCC20
|
Intersil Corporation Intersil, Corp.
|
EPA1130G-44 EPA1130-350 EPA1130G-75 EPA1130G-250 E |
Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 24-SOIC Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC Tapped Delay Line Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 24-TSSOP Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP 抽头延迟
|
Sony, Corp.
|
EPA073HL-225 EPA073HL-100 EPA073HL-300 EPA073HL-35 |
Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: -40°C to 85°C; Package: 24-SOIC Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: 0°C to 70°C; Package: 24-TSSOP Dual Digitally Controlled Potentiometers (XDCPs); Temperature Range: -40°C to 85°C; Package: 14-TSSOP DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 Quad Digitally Controlled Potentiometers (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-SOIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料
|
Abracon, Corp. TE Connectivity, Ltd.
|
AD8370ARE AD8370-EVAL AD8370 AD8370ARE-REEL7 |
750MHz Digitally Controlled Variable Gain Amplifier LF to 750 MHz Digitally Controlled VGA
|
AD[Analog Devices]
|
ISL22446 ISL22446UFV20Z ISL22446WFV20Z |
Quad Digitally Controlled Potentiometer (
|
Intersil Corporation
|
X9250 |
Quad Digitally Controlled Potentiometers
|
Intersil Corporation
|
X9400 X9400WZ24 X9400WZ24I-2.7 X9400YZ24 X9400YZ24 |
Quad Digitally Controlled Potentiometers (XDCP)
|
XICOR[Xicor Inc.]
|
X9251TV24-2.7 X9251TS24-2.7 X9251UV24-2.7 X9251TS2 |
Quad Digitally-Controlled (XDCP? Potentiometer
|
Intersil Corporation
|
X9241AMP |
Quad Digitally Controlled Potentiometer (XDCP)
|
XICOR
|
ISL22424TFR16Z ISL22424TFV14Z ISL22424UFR16Z ISL22 |
Dual Digitally Controlled Potentiometer (XDCP?? Dual Digitally Controlled Potentiometer (XDCP? Dual Digitally Controlled Potentiometer (XDCP™), Low Noise, Low Power, SPI® Bus, 256 Taps; Temperature Range: Full-Range Ind; Package: 14-TSSOP T&R
|
Intersil Corporation
|