PART |
Description |
Maker |
ISL22313UFU10Z ISL22313 ISL22313TFU10Z ISL22313WFU |
Single Digitally Controlled Potentiometer (XDCP), Low Noise, Low Power, I-2CBus, 256 Taps Single Digitally Controlled Potentiometer (XDCP? Single Digitally Controlled Potentiometer XDCP
|
Intersil Corporation
|
X9421YS16 X9421YS16IZ X9421YV14 X9421YV14I X9421YV |
Single Digitally Controlled (XDCP? Potentiometer Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R 2.5K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO14 Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R Single Voltage Potentiometer
|
Intersil Corporation Intersil, Corp.
|
X9119TV14Z-2.7 X9119TV14IZ-2.7 |
Single Digitally-Controlled (XDCP? Potentiometer Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP
|
http:// Intersil Corporation
|
X9111_06 X9111 X9111TV14 X9111TV14-2.7 X9111TV14I |
Single Digitally-Controlled (XDCP? Potentiometer Single Digitally-Controlled (XDCP⑩) Potentiometer
|
http:// INTERSIL[Intersil Corporation]
|
EP9810-950 EP9810-45 EP9810-850 EP9810-650 EP9810- |
Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-PDIP Single Digitally Controlled Potentiometer (XDCP), Low Noise, Low Power, 3 wire Up/Down, 32 Taps; Temperature Range: -40°C to 85°C; Package: 8-MSOP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-MSOP Single Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-DFN Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-MSOP 抽头延迟 Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-PDIP 抽头延迟 Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-SOIC 抽头延迟 Tapped Delay Line 抽头延迟
|
Ecliptek, Corp. Amphenol, Corp.
|
FX009A FX009ALS FX009AJ |
Digitally Controlled Amp Array Digitally Controlled Gain Amplifier 数控增益放大
|
CONSUMER MICROCIRCUITS LIMITED
|
X9428YP X9428YP-2.7 X9428YPI X9428YPI-2.7 X9428YS |
Single Digitally Controlled Potentiometer
|
INTERSIL[Intersil Corporation]
|
X9015WS8T1 X9015_06 X9015 X9015UM8 X9015UM8-2.7 X9 |
Single Digitally Controlled Potentiometer
|
INTERSIL[Intersil Corporation]
|
ISL23415UFRUZ-T7A ISL23415UFRUZ-TK ISL23415UFUZ IS |
Single, Low Voltage Digitally Controlled Potentiometer (XDCP?? Single, Low Voltage Digitally Controlled Potentiometer (XDCP?
|
Intersil Corporation
|