PART |
Description |
Maker |
ISL9011IRLLZ ISL9011IRLBZ ISL9011IRKNZ ISL9011IRKK |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual LDO with Low Noise, Low IQ, and High PSRR 双路LDO稳压器具有低噪音,低智商,及高PSRR CAC 7C 7#16S SKT PLUG Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Body Diameter:10mm; Capacitance:470uF RoHS Compliant: Yes
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL9000IRNFZ ISL9000 ISL9000IRBJZ ISL9000IRBJZ-T I |
Dual LDO with Low Noise, Very High PSRR, and Low IQ DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 RES THICK FILM POWER 24 OHM 5W
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL9000AMRNCEP |
Dual LDO with Low Noise, Very High PSRR and Low IQ DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ISL9012IRNJZ-T ISL9012IRPLZ-T ISL9012 ISL9012IRBJZ |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ILC7084AIM5ADJX ILC7083 ILC7083AIK30X ILC7083AIKAD |
RES 2.1K-OHM 5% 0.125W 200PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA 2.5 V-12 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 JT 32C 32#20 SKT PLUG 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO8 150mA SOT-23 Low Noise CMOS RF-LDO?/a> Regulator 150mA SOT-23 Low Noise CMOS RF-LDO Regulator 150mA SOT-23 Low Noise CMOS RF-LDO⑩ Regulator 150mA SOT-23 Ultra Low Noise CMOS RF-LDO
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ISL9016IRUJCZ-T ISL9016IRUFBZ-T ISL9016IRUFCZ-T |
150mA Dual LDO with Low Noise, High PSRR, and Low IQ
|
Renesas Electronics Corporation
|
ISL9000AMRNCEP |
Dual LDO with Low Noise, Very High PSRR and Low IQ
|
Intersil Corporation
|
ISL78302ARBFZ ISL78302ARBNZ ISL78302ARCWZ ISL78302 |
Dual LDO with Low Noise, High Performance and Low IQ
|
Intersil Corporation
|
ISL9000IRKKZ |
Dual LDO with Low Noise, Very High PSRR and Low IQ
|
Renesas Electronics Corporation
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
|