PART |
Description |
Maker |
MIC5255-2.5BD5 MIC5255-2.5BM5 MIC5255-2.5YD5 MIC52 |
150mA Low Noise 渭Cap CMOS LDO 150mA Low Noise μCap CMOS LDO 2.5 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150mA Low Noise Cap CMOS LDO
|
Micrel Semiconductor MICREL INC
|
MIC2215 MIC2215-PPPBML MIC2215-PMMBML MIC2215-AAAB |
4500 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN Replaced by PTH05060W : GT 24C 24#16 PIN PLUG Tirple High PSRR/ Low Noise uCap LDO Tirple High PSRR, Low Noise uCap LDO Tirple High PSRR Low Noise uCap LDO
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MIC5209 MIC5209-1.8BM MIC5209-2.5BM MIC5209-2.5BS |
500mA Low-Noise LDO Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 4.5V to 20V, 3A Output Synchronous Step Down SWIFT Converter 1.8 Vout 16-HTSSOP -40 to 85 ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 500mA Low-Noise LDO Regulator 4.2 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 500mA Low-Noise LDO Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MIC5205 MIC5205-2.5BM5 MIC5205-2.7BM5 MIC5205-2.85 |
150mA Low-Noise LDO Regulator Low Input Voltage 3A Synchronous Buck Converter with 3.3V Output 20-HTSSOP -40 to 85 3V to 6V, 3A, 1.6MHz Synchronous Step Down SWIFT Converter 24-VQFN -40 to 125 Automotive Catalog 3-V to 6-V Input 3-A Output Synchronous-Buck PWM Switcher 20-HTSSOP -40 to 125 150mA Low-Noise LDO Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 150mA Low-Noise LDO Regulator 3.6 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 150mA Low-Noise LDO Regulator 2.9 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc. MICREL INC
|
MIC5209-2.5YM MIC5209-2.5YS MIC5209-2.5YU MIC5209- |
500mA Low-Noise LDO Regulator IC REG LDO 500MA 5.0V LN TO263-5 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 500mA Low-Noise LDO Regulator
|
Micrel Semiconductor, Inc.
|
ISL9011AIRNCZ ISL9011AIRNFZ ISL9011AIRNNZ ISL9011A |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
P6KE200 P6KE7.5 P6KE440A P6KE82 P6KE33 P6KE68C P6K |
Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 硅雪崩二极管-硅雪崩二极管 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Silicon Avalanche Diodes - Silicon Avalanche Diodes 硅雪崩二极管-硅雪崩二极管 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
SE5509 SE5509ALG-LF SE5509BLG-LF SE5509CLG-LF SE55 |
300mA Low Power Low Noise LDO CMOS Voltage Regulator
|
Seaward Electronics Inc.
|
MC78PC00-D |
Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
|
ON Semiconductor
|
GM71C4403DLJ-80 GM71C4403D-80 GM71C4403DT-70 GM71C |
MB 32C 32#20 PIN PLUG Single Output LDO, 1.0A, Fixed (5.0V), Low Noise, Fast Transient Response 6-SOT-223 -40 to 85 1,048,576 Words x Bit Organization 1,048,576字×位组织 Single Output LDO, 1.0A, Adj.(1.295 to 5.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 -40 to 85
|
LG Corp. LG, Corp.
|