PART |
Description |
Maker |
NR111D |
Light Load High Efficiency
|
Sanken electric
|
NR131D NR132D |
Ultra light load high efficiency
|
Sanken electric
|
AIC3412 |
Low IQ High Light Load Efficiency
|
Analog Intergrations Co...
|
ISL6336IRZ ISL6336CRZ ISL6336ACRZ ISL6336 ISL6336A |
6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
|
Intersil Corporation
|
ISL78220 |
6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
|
Intersil Corporation
|
ISL6334CIRZ ISL6334CCRZ ISL6334BCRZ ISL6334CCRZ-T |
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features; Temperature Range: 0°C to 70°C; Package: 40-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC40 VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features; Temperature Range: -40°C to 85°C; Package: 40-QFN T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC40
|
Intersil Corporation Intersil, Corp.
|
HLMP-2400 HLMP-2500 HLMP-2600 HLMP-2650 HLMP-2700 |
Large area, umiform, bright light-emitting surfaces Orange 0.300 inch Seven Segment Display High Efficiency Green 0.300 inch Seven Segment Display LED LIGHT BARS RED LED LIGHT BARS YELLOW 7.6 mm (0.3 inch) Double Heterojunction AlGaAs Red Sunlight Viewable Display LED LIGHT BARS GREEN 7.6 mm (0.3-inch) Double Heterojunction AlGaAs Red Low Current Display (HLMP-2xxx) LED LIGHT BARS 350-MHz Low-Noise Voltage-Feedback Amplifier, Dual 8-MSOP-PowerPAD 0 to 70 100-MHz Low Noise Voltage-Feedback Amplifier, Dual 8-SOIC 350-MHz Ultra-Low Noise Voltage-Feedback Amplifier 8-MSOP-PowerPAD -40 to 85 100-MHz Low Noise Voltage-Feedback Amplifier 8-SOIC -40 to 85 100-MHz Low-Noise High-Speed Amplifier 8-CDIP -55 to 125 LED LIGHT BARS SINGLE COLOR LED, HIGH EFFICIENCY RED, 8.89 mm LED LIGHT BARS SINGLE COLOR LED ARRAY, YELLOW, 8.89 mm 350-MHz Low-Noise Voltage-Feedback Amplifier, Dual 8-SOIC 0 to 70 SINGLE COLOR LED, YELLOW, 19.05 mm LED SIGHT BARS
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
BD99011EFV-M BD99010EFV-M |
Simple Light Load Mode
|
Rohm
|
AP65111AWU-7 |
LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
|
Diodes Incorporated
|
AP65211AWU-7 |
LIGHT LOAD IMPROVED 2A SYNCH DC-DC BUCK CONVERTER
|
Diodes Incorporated
|
AP65402 AP65402SP-13 |
LIGHT LOAD IMPROVED 4A 500KHZ SYNCH DC/DC BUCK CONVERTER
|
Diodes
|
BD8622EFV BD8622EFV-E2 BD8622EFV09 |
Built-in 1ch FET Light Load Type DC / DC converters
|
Rohm
|