PART |
Description |
Maker |
ISL8106CRZ-T ISL8106IRZ ISL8106IRZ-T |
Wide VIN, 7V to 25V, Single-Phase PWM Controller with Integrated MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R 2 A SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PQCC16 Wide VIN, 7V to 25V, Single-Phase PWM Controller with Integrated MOSFET Drivers 2 A SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PQCC16 Wide VIN, 7V to 25V, Single-Phase PWM Controller with Integrated MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R 2 A SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PQCC16
|
Intersil, Corp.
|
SIL15E-05S1V8-VJ SIL15E-05W3V3-VJ SIL15E SIL15E-05 |
3.0 Vin to 5.5 Vin Single output
|
ARTESYN[Artesyn Technologies]
|
LTC3854IDDB LTC3854IDDBPBF LTC3854IDDBTRPBF LTC385 |
Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
|
Linear Technology
|
ISL85033 ISL85033IRTZ |
Wide VIN Dual Standard Buck Regulator With 3A/3A Coutinuous Output Current
|
Intersil Corporation
|
ISL85033EVAL2Z |
Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current - Short Form
|
Intersil Corporation
|
ISL6224 |
PWM Controller, Output Voltage: 0.9-5.5V, Wide VIN range: 4V-24V, 300/600kHz
|
Intersil
|
LX6431 LX6431A LX6431ACDM LX6431ACLP LX6431AIDM LX |
PRECISION PROGRAMMABLE REFERENCES Positive Adjustable Voltage Regulator 500Mbps, Quad LVDS Driver, TSSOP 16-pin 50mA Inductorless DC-DC Converter, Chargepump, Vin: 2.8 to 5.25V, Vout: 5V Shunt
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP MICROSEMI[Microsemi Corporation]
|
LTC3521 LTC3521EFE-PBF LTC3521EFE-TRPBF LTC3521EUF |
Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
|
Linear Technology
|
5962-05238 5962-05240 5962-05241 5962-05242 5962-0 |
30W Total Output Power 28 Vin 1.5 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05238 30W Total Output Power 28 Vin 5 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05240 30W Total Output Power 28 Vin /-12 Vout Dual DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05241 30W Total Output Power 28 Vin /-15 Vout Dual DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-05242 30W Total Output Power 28 Vin 12 Vout Single DC-DC Radiation Hardened Converter in a LS Package. DLA Number 5962-06241 30W Total Output Power 28 Vin 2.5 Vout Single DC-DC Radiation Hardened Converter in a LS Package.
|
International Rectifier
|
SIL30E-12W3V3-VJ |
12 Vin Single Output
|
Emerson Network Power
|
TC1235EUNTR TC1236EUNTR TC1237EUNTR |
Inverting dual (Vin, Vin) charge pump voltage converters with shutdown, 12KHz Inverting dual (Vin, Vin) charge pump voltage converters with shutdown, 35KHz Inverting dual (Vin, Vin) charge pump voltage converters with shutdown, 125KHz Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
|
Microchip
|
5962-91773 5962-91774 5962-92112 5962-92115 |
15W Total Output Power 28 Vin 5 Vout Single DC-DC Standard Converter in an AHV Package. DLA Number 5962-91773 15W Total Output Power 28 Vin /-15 Vout Dual DC-DC Standard Converter in an AHV Package. DLA Number 5962-91774 15W Total Output Power 28 Vin 12 Vout Single DC-DC Standard Converter in an AHV Package. DLA Number 5962-92112 15W Total Output Power 28 Vin 5, /-12 Vout Triple DC-DC Standard Converter in an AHV Package. DLA Number 5962-92115
|
International Rectifier
|