PART |
Description |
Maker |
ISL6446IAZ |
Dual (180° Out-of-Phase) PWM and Linear Controller
|
Intersil Corporation
|
ISL6442IA ISL6442IAZ ISL6442 |
Dual (180∑ Out-of-Phase) PWM and Linear Controller
|
Intersil Corporation
|
ISL6445IAZ |
1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM Controller
|
Intersil Corporation
|
EL551-64 EL551-76 EL551-52 EL551-44 EL551-48 EL551 |
Logic IC Multiple Linear Power Controller with ACPI Control Interface; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R 1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN 逻辑IC 2.5MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 24-QSOP 逻辑IC
|
Exar, Corp. TT electronics Semelab, Ltd.
|
ISL6445IAZ ISL6445IAZ-TK ISL6445 INTERSILCORP-ISL6 |
1.4MHZ DUAL, 180 DEGREE OUT-OF-PHASE, STEP-DOWN PWM CONTROLLER
|
INTERSIL[Intersil Corporation]
|
ISL6402 |
300kHz Dual 180 Degree Out-of-Phase Step-Down PWM and Single Linear Controller
|
Intersil Corporation
|
ISL6443AIRZ-TK |
300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R DUAL SWITCHING CONTROLLER, 340 kHz SWITCHING FREQ-MAX, PQCC28
|
Intersil, Corp.
|
ISL6364 ISL6364CRZ ISL6364IRZ ISL6610 ISL6610A ISL |
Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
|
Intersil Corporation
|
PIC16F785 PIC16F785-E/P PIC16F785-E/SO PIC16F785-E |
20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
|
Microchip Technology
|
SPH-16 |
13 MHz - 16 MHz, 180 deg - 180 deg RF/MICROWAVE PHASE SHIFTER ROHS COMPLIANT, HERMETIC SEALED, CASE A01, 8 PIN
|
Mini-Circuits
|
ISL8126 ISL8126CRZ |
Dual/n-Phase Buck PWM Controller with Integrated Drivers
|
Intersil Corporation
|