PART |
Description |
Maker |
AS82181 AS8218BLQS AS8228BLQS AS8218BLQW AS8228BLQ |
Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
|
ams AG austriamicrosystems AG
|
SG5842ASZ SG5842JA SG5842ADZ |
Highly Integrated Green-Mode PWM Controller 0.23 A SWITCHING CONTROLLER, 68 kHz SWITCHING FREQ-MAX, PDSO8 Highly Integrated Green-Mode PWM Controller 高度集成的绿色模式PWM控制
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
VRAH-01FX20 VRAH-01FX50 |
NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 12 Vdc/0.8 A & 15 Vdc/0.6 A Output 1-OUTPUT 9.6 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc. BEL FUSE INC
|
ISL95520 |
Hybrid Power Boost (HPB) and Narrow VDC (NVDC) Configurations Combo Battery Charger With SMBus Interface
|
Intersil Corporation
|
SLIN-06E2A0 SLIN-06E2AL SLIN-06E2AX |
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /6 A Outputs
|
Bel Fuse Inc.
|
A82015C0GL5 A82120C0GL5 A68015C0GL5 A56015C0GL5 A5 |
Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
|
Vishay Siliconix
|
TDA7703RTR |
Highly integrated tuner
|
STMicroelectronics
|
SPM6550T-1R0 GRM188R71E103KA01J ERJ-3EKF2001V PCMB |
6A Highly Integrated SupIRBuck
|
International Rectifier
|
TRC101 |
highly integrated single chip
|
RF Monolithics, Inc
|
FC250R1 |
Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
|
Tyco Electronics
|
EMK316BJ226ML-T 2R5TPE330M9 C1608X7R1H104K GRM188R |
12A Highly Integrated SupIRBuck IR3476 TM
|
International Rectifier
|