PART |
Description |
Maker |
EL5412IR EL5412IRZ-T7 EL5412 EL5412IRE EL5412IRE-T |
40MHz Rail-to-Rail Input-Output Op Amp 1 CHANNEL, VIDEO AMPLIFIER, PDSO14
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
5962-0721302QXC |
500MHz Rail-to-Rail Amplifiers 2 CHANNEL, VIDEO AMPLIFIER, CDFP10
|
Intersil, Corp.
|
EL8100IWZ-T7 EL8101 EL8101IW-T7 EL8101IWZ-T7 EL810 |
200MHz Rail-to-Rail Amplifiers 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ADA4856-3 ADA4856-3YCPZ-R2 ADA4856-3YCPZ-R7 ADA485 |
Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
|
Analog Devices
|
EL5111IWT-T7A EL5111AIYEZ-T7 EL5111AIYEZ-T13 |
60MHz Rail-to-Rail Input-Output Op Amps 1 CHANNEL, VIDEO AMPLIFIER, PDSO8 3 MM, ROHS COMPLIANT, HMSOP-8
|
Intersil, Corp. Intersil Corporation
|
ISL59111 |
8MHz Rail-to-Rail Composite Video Driver
|
Intersil
|
AD8041AR-REEL7 |
12.6V; 160MHz rail-to-rail amplifier with disable. For power sensitive high speed systems, video switches, distribution amplifiers, A/D driver
|
Analog Devices
|
AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCP |
2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> 2.7 V to 5.5 V, 450 µA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs® 2.7 V to 5.5 V, 450 レA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs 2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
|
AD[Analog Devices]
|
ISL59110IEZ-T7A |
8MHz Rail-to-Rail Composite Video Driver; Temperature Range: -40°C to 85°C; Package: 6-SC-70 T&R 1 CHANNEL, VIDEO AMPLIFIER, PDSO6
|
Intersil, Corp.
|
BUS-65163-B BUS-65153-883B |
Rail-to-rail high output current quad operational amplifier Output rail-to-rail operational amplifiers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Coilcraft, Inc.
|
ADA4853-107 ADA4853-3YCPZ-R2 ADA4853-3YCPZ-R7 ADA4 |
Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
|
Analog Devices
|
LMV321 |
General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
|
Cadeka Microcircuits LLC.
|