PART |
Description |
Maker |
ISL3156EIBZ ISL3152EIPZ ISL3152EIBZ ISL3152EIUZ IS |
5V Full Duplex, 1Mbps Slew Rate Limited, IEC61000 ESD Protected with 2.4V Vod RS-485/RS-422 Transceiver ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
|
Intersil Corporation
|
HIN202E HIN206E HIN207E HIN208E HIN211E HIN213E HI |
RS-232 Transceiver, 2T/2R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Icc=8mA RS-232 Transceiver, 4T/3R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Manual Shutdown RS-232 Transceiver, 5T/3R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors RS-232 Transceiver, 4T/4R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors RS-232 Transceiver, 4T/5R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Manual Shutdown RS-232 Transceiver, 4T/5R, 5V, 230kbps, 15KV ESD (IEC61000) , 0.1F Capacitors, Two Active Receivers in Shutdown Mode RS-232 Transceiver, 2T/2R, 5V, 230kbps, 15KV ESD (IEC61000), 0.1F Capacitors, Icc=5mA
|
Intersil
|
ISL3170E07 ISL3174EIBZ ISL3177E ISL3177EIBZ ISL317 |
??5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 3.3V Full Duplex, 500kbps Slew Rate Limited With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 3.3V Full Duplex, 20Mbps With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R LINE TRANSCEIVER, PDSO14 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO10 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 【15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 卤15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil, Corp. Intersil Corporation
|
MAX3070E-MAX3079E MAX3073EASD MAX3070EASD MAX3079E |
3.3V, ??5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers 3.3V, 5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 3.3V, 5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 Fixed-Point Digital Signal Processor 697-FCBGA -40 to 105 3.3Vamp;plusmn;15kV ESD保护、失效保护、热插拔、RS-485/RS-422收发 3.3V.±.15kV ESD-Protected.Fail-Safe.Hot-Swap.RS-485/RS-422 Transceivers 3.3Vamp;plusmn;15kV ESD保护、失效保护、热插拔、RS-485/RS-422收发 3.3V, 5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP14 3.3V, 5kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO14 3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. 热切电源分布 Maxim Integrated Produc...
|
PJE5UFN10AR200001 PJE5UFN10AR100001 PJE5UFN10A-R1- |
IEC61000-4-2(ESD): 15kV Air, 8kV Contact Compliance
|
Pan Jit International Inc. Pan Jit International I...
|
ISL83220E |
RS-232 Transceiver, 1T/1R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Manual Powerdown
|
Intersil
|
CSPEMI307AG CSPEMI307A |
4-Channel ESD/EMI Filter Array plus 4-Channel ESD Array for USB 4通道的ESD / EMI滤波器阵列加4通道的USB的ESD阵列 4 Channel EMI Filters with ESD Protection @ ±15kV plus 4 Channel ESD Protection Array @ ±15KV(IEC61000-4-2 Level 4 Contact ...
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
MAX1233-MAX1234 MAX1234EGI MAX1233EGI MAX1233 |
??5kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller 5kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller SPECIALTY CONSUMER CIRCUIT, QCC28
|
Maxim Integrated Products, Inc.
|
ISL3293E ISL3298ENBSP ISL3297ENBSP ISL3296E ISL329 |
6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters 【16.5kV ESD Protected, 125∑C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters; Temperature Range: -40°C to 85°C; Package: 8-TDFN T&R LINE DRIVER, PDSO8 ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters; Temperature Range: Full-Range Ind; Package: 8-TDFN T&R LINE DRIVER, PDSO8 ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R LINE DRIVER, PDSO6
|
Intersil Corporation Intersil, Corp.
|
ISL4221E ISL4221EIR-T ISL4221EIR ISL4223EIR-T ISL4 |
QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receiv QFN Packaged /-15kV ESD Protected 2.7V to 5.5V 150Nanoamp 250kBps RS-232 Transmitters/Receivers QFN Packaged/ /-15kV ESD Protected/ 2.7V to 5.5V/ 150Nanoamp/ 250kBps/ RS-232 Transmitters/Receivers RS-232 Transceiver, 2T/2R, 2.7V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown RS-232 Transceiver, 1T/1R, 2.7V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown
|
INTERSIL[Intersil Corporation]
|
ISL4485E |
RS-485/RS-422 Transceivers, 20Mbps, ESD Protected to 5kV, Half Duplex, 5V, With Rx/Tx Enables
|
Intersil
|
|