PART |
Description |
Maker |
IMP1233D IMP1810 IMP1811 IMP1812 IMP1815 IMP1816 I |
4.125V power reset RELAY 024VDC 01A DPDT-XX FORM:2C UC Bi-Lobe Standard Metal Shell Nano Offset Connector Low Power 5V/3.0V P Reset Low Power/ 5V/ P Reset Low Power, 5V, 楼矛P Reset Low Power 5V P Reset Low Power, 5V, P Reset Low Power, 5V, μP Reset 4.375V power reset
|
IMP INC. IMP Inc IMP[IMP, Inc] IMP[IMP Inc]
|
BUW36 BUY69A BUY69B BUX48 BUX80 BDX87 BDX88 BDW51 |
Leaded Power Transistor Darlington Power Transistors 15 A, 45 V, PNP, Si, POWER TRANSISTOR, TO-3 INDUCTOR PWR UNSHIELD 470UH SMT Certification- 5.2kVDC Isolation- Power Sharing- Pin Compatible with RH & RK Series, SIP DC-DC Converters- UL94V-0 Package M Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
POWER-32D POWER-22D POWER-12D |
(POWER-12D/-22D/-32D) Low power off-line switching power supply control chip
|
Xin Ke
|
2SC5505 |
Power Device - Power Transistors - General-Purpose power amplification Silicon NPN epitaxial planar type
|
Panasonic Semiconductor
|
MCP-02D-0805 MCP-02S-08 MCP-02D-0803 MCP-02D-1403 |
2W Output Power Compact, Board Mount 2W Constant Power Mode AC/DC Power Supplies
|
MicroPower Direct, LLC
|
RMPA2271 |
WCDMA/UMTS Power Edge Power Amplifier Module with Integrated Power Detector
|
FAIRCHILD[Fairchild Semiconductor]
|
2SC5993 |
Power Device - Power Transistors - Television/Display For power amplification For TV VM circuit
|
PANASONIC[Panasonic Semiconductor]
|
NTC10D20 NTC100D10 NTC100D11 NTC100D9 NTC10D10 NTC |
Conversion power, switch mode power supply, UPS power protection
|
List of Unclassifed Man...
|
2SB1054 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|