PART |
Description |
Maker |
TX10005JASLPLNH TX1000 TX10005BASLPLNH TX10005CASL |
1000 Watt. AC/DC power supply. Output voltage 2.5V, output current 200A 1000 Watt. AC/DC power supply. Output voltage 18.0V, output current 56A 1000 Watt. AC/DC power supply. Output voltage 24.0V, output current 42A 1000 Watt. AC/DC power supply. Output voltage 28.0V, output current 36A 1000 Watt. AC/DC power supply. Output voltage 3.3V, output current 182A 1000 Watt. AC/DC power supply. Output voltage 15.0V, output current 67A 1000 Watt. AC/DC power supply. Output voltage 48.0V, output current 21A 1000 Watt. AC/DC power supply. Output voltage 36.0V, output current 28A 1000 WATT AC/DC POWER SUPPLY 1000 Watt. AC/DC power supply. Output voltage 20.0V, output current 50A
|
CANDD[C&D Technologies]
|
VHV12-2.0K1000P VHV12-2.0K1000N |
Ultra small size adjustable output type high voltage power supply 2W to 2.6W high voltage DC-DC converter
|
Volgen Kaga Electronics...
|
MAX6457UKD3A-T MAX6457UKD3AT MAX6457UKD0AT |
High-Voltage, Low-Current Voltage Monitors in SOT Packages 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
Maxim Integrated Products, Inc.
|
HVP125N2000 HVP125P2000 HVP050P5000 HVP080N3000 HV |
2 mA, high voltage power supply 5 mA, high voltage power supply 3 mA, high voltage power supply
|
Voltage Multipliers
|
C4900-15 |
COMPACT HIGH VOLTAGE POWER SUPPLY
|
Hamamatsu Corporation
|
TC52 TC52N5022ECT TC52N2321ECT TC52N3222ECT TC52N1 |
The TC52 consists of two independent low power volt-age detectors in a space-saving 5-pin SOT-23A package. Typical supply current consumption is only 2 µA at an input voltage of 2V. The voltage detection threshold settings are factory Dual Channel Voltage Detector 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
Microchip
|
2SA1807 A5800342 2SA1807TLN 2SA1862TLP 2SA1807TLP |
High-Voltage Switching Transistor (Telephone, Power Supply) (-600V, -1A) High-Voltage Switching Transistor (Telephone power supply) (-600V, -1A) From old datasheet system 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 400V V(BR)CEO | 2A I(C) | TO-252VAR TRANSISTOR | BJT | PNP | 600V V(BR)CEO | 1A I(C) | TO-252VAR 晶体管|晶体管|进步党| 600V的五(巴西)总裁| 1A条一(c)|52VAR
|
ROHM[Rohm] Rohm Co., Ltd.
|
ADM6710AARJZ-REEL7 ADM6710HARJZ-REEL7 ADM6710CARJZ |
Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit 低电压,高精度,四路电压监控电路
|
Analog Devices, Inc. Infineon Technologies AG
|
X20C16J-45 X20C16J-55 X20C16SI-45 X20C16SI-55 X20C |
High Speed AUTOSTORE?NOVRAM High Speed AUTOSTORE?/a> NOVRAM High Speed AUTOSTORE NOVRAM High Speed AUTOSTORE??NOVRAM IC SYNC BUCK CONTROLLER 16-MLPQ 高速自动存储⑩NOVRAM Pulse Width Modulation (PWM) Controller IC; Topology:Buck (Step Down); Control Mode:Voltage; Number of PWM Outputs:2; Input Voltage Primary Min:2.75V; Input Voltage Primary Max:5.5V; Duty Cycle Max:100% 高速自动存储⑩NOVRAM High Speed AUTOSTORENOVRAM 高速自动存储⑩NOVRAM Controller IC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Controller IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No DC/DC Converter (DC-DC) / Switching Regulator IC; Switching Regulator Type:Step Down (Buck); Switch Output Current Max, Isw:5.5A; Supply Voltage Max:24V; Supply Voltage Min:4.4V; Switching Frequency Max:600kHz; Package/Case:8-SOIC Power Supply IC; Power Supply Type:PWM Controller; Supply Voltage Max:5.5V; Package/Case:32-MLP; Leaded Process Compatible:Yes; Operating Temp. Max:125 C; Operating Temp. Min:-40 C; Output Voltage Max:1.5V; Output Voltage Min:0.3V RoHS Compliant: Yes ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles
|
http:// ITT, Corp. Semtech, Corp. Stanford Microdevices Electronic Theatre Controls, Inc. Xicor Inc.
|
SGE2663-3 |
high voltage transformer for CCFL inverter power supply.
|
MICROSEMI[Microsemi Corporation]
|
MC12148D MC12148SD MC12148 |
LOW POWER VOLTAGE CONTROLLED OSCILLATOR Switch Mode Power Supply; Series:MFA; Output Voltage:12VDC; Output Power Max:350W; Output Current:29A; Number of Outputs:1; Efficiency:86%; External Depth:3.20"; External Height:1.50"; External Width:6.80" PSU, 350W 24V SINGLE O/P ; Voltage, output:24V; Current, output:14.5A; Power rating:350W; Voltage, supply min:90V; Voltage, supply max:264V; Length / Height, external:38.1mm; Width, external:81.3mm; Depth, external:172mm; Current,
|
Motorola, Inc MOTOROLA INC
|