PART |
Description |
Maker |
HMHA2801AR1 HMHA2801AR1V HMHA2801AR2V HMHA2801AR3 |
4-Pin Half Pitch MFP Phototransistor Output Optocoupler 4-Pin Half Pitch MFP AC Input Phototransistor Output Optocoupler HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS 1 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FODM3083 FODM3083R2 FODM3063 FODM3062R2V |
800V 5mA Zero Crossing Triac, MFP; Package: Full Pitch MFP; No of Pins: 4; Container: Box 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 800V 5mA Zero Crossing Triac, MFP; Package: Full Pitch MFP; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 600V 5mA Zero Crossing Triac, MFP; Package: Full Pitch MFP; No of Pins: 4; Container: Box 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
FODM8801B FODM8801A FODM8801AR2 FODM8801C FODM8801 |
FODM8801A, FODM8801B, FODM8801C OptoHiT Series, High-Temperature Phototransistor Optocoupler in Half-Pitch Mini-Flat 4-Pin Package
|
Fairchild Semiconductor
|
ISL6207 ISL6207CB ISL6207CB-T ISL6207CBZ ISL6207CB |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 4 A HALF BRDG BASED MOSFET DRIVER, PQCC8 PT 14C 14#20 PIN/SKT RECP 4 A HALF BRDG BASED MOSFET DRIVER, PDSO8 PT 10C 10#20 PIN/SKT RECP 4 A HALF BRDG BASED MOSFET DRIVER, PDSO8 High Voltage Synchronous Rectified Buck MOSFET Driver 4 A HALF BRDG BASED MOSFET DRIVER, PQCC8
|
Intersil, Corp. Intersil Corporation
|
218-02LPST 218-2LPSTR 218-12LPSTJRF |
SMT Half Pitch DIP Switch?Auto Placeable Half Pitch, SMD DIP Switch
|
CTS Corporation
|
16C2850 XR16C2850CJ XR16C2850CM XR16C2850IJ XR16C2 |
DUAL UART WITH 128-byte FIFO’s AND RS-485 HALF DUPLEX CONTROL CENTRONICS PARALLEL CBLS 36 PIN M - 36 PIN M 双UART28字节FIFO的和RS - 485半双工控 DUAL UART WITH 128-byte FIFOs AND RS-485 HALF DUPLEX CONTROL
|
Exar, Corp. Exar Corporation
|
IR2104 IR2104PBF IR2104S IR2104SPBF IR2104STR |
Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-lead SOIC package
|
International Rectifier
|
M525DN |
LASERJET ENTERPRISE 500 MFP
|
HP
|
B32686A7154 B32686A0683 B32686A0474 B32686A7334 B3 |
Metallized Polypropylene Film Capacitors (MFP)
|
EPCOS
|
75198-1012 0751981012 |
2.00mm (.079) Pitch 8-Row VHDM? Lite Backplane Header, Guide Pin Signal Module, Pin End Version, 80 Circuits, Pin Length 6.25mm (.246)
|
Molex Electronics Ltd.
|
0746501012 74650-1012 |
2.00mm (.079) Pitch 8-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Pin End Version, 60 Circuits, Pin Length 6.25mm (.246)
|
Molex Electronics Ltd.
|