PART |
Description |
Maker |
STB7NC80Z STB7NC80Z-1 STP7NC80ZFP STP7NC80Z STBB7N |
6.5 A, 800 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-CHANNEL MOSFET New Generation Twisted Paired Multiconductor Audio Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 800V - 1.3 OHM - 6.5A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
FQA8N80C |
800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
FQPF3N80C FQP3N80C |
800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQP7N80C FQPF7N80C |
CONN 26POS 2MM SOCKET R/A PC MT 800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET CONN 26POS 2MM SOCKET STR PC SMD 6.6 A, 800 V, 1.9 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
STD3NK80Z STF3NK80Z STP3NK80Z STD3NK80Z-1 STD3NK80 |
N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESHPower MOSFET N沟道800V 3.8W -.5a TO-220/FP/DPAK/IPAK齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH⑩ Power MOSFET N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH Power MOSFET N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH?/a> Power MOSFET N-CHANNEL 800V - 3.8 OHM - 2.5A TO-220/FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HCF4000 HCF4000B HCF4001 HCF4001B HCF4002 HCF4002B |
NOR GATE (289.19 k) TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,6A I(D),TO-3 RoHS Compliant: Yes T-PNP-SI-AF PO- .75W T-NPN- SI-PO & SW-PD 40 W 或非 MOSFET-PWR N-CH HI SPEED 或非 MOSFET; Transistor Polarity:P Channel; Continuous Drain Current, Id:10.5A; On-Resistance, Rds(on):0.3ohm; Package/Case:3-TO-220; Continuous Drain Current - 100 Deg C:7.5A; Continuous Drain Current - 25 Deg C:10.5A 或非 MOSFET-PWR 800V 4A 或非 NOR GATE 或非 MOSFET-PWR 500V 8A
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
STP6NB80FP STP6NB80 6218 |
N - CHANNEL 800V - 1.6 Ohm - 5.7A - TO-220/TO-220FP From old datasheet system N - CHANNEL 800V - 1.6 - 5.7A - TO-220/TO-220FP PowerMESH TM MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STW11NB80 6750 |
N-CHANNEL 800V - 0.65ohm - 11A - T0-247 PowerMESH MOSFET From old datasheet system N-CHANNEL 800V - 0.65ohm - 11A - T0-247 PowerMESH MOSFET N-CHANNEL 800V - 0.65 - 11A - T0-247 PowerMESH TM MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
W8NB80 STW8NB80 |
N - CHANNEL 800V - 1.2 Ohm - 7.5A - TO-247 PowerMESH MOSFET N - CHANNEL 800V - 1.2ohm - 7.5A - TO-247 PowerMESH MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STB12NK80Z STB12NK80ZT4 STP12NK80Z |
N-CHANNEL 800V 0.65 OHM 10.5A TO-220/D2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL MOSFET with FAST DIODE
|
ST Microelectronics
|
STP10NK80Z06 STP10NK80Z STP10NK80ZFP STW10NK80Z |
N-channel 800V - 0.78ヘ - 9A - TO-220/FP-TO-247 Zener-protected superMESHTM MOSFET N-channel 800V - 0.78惟 - 9A - TO-220/FP-TO-247 Zener-protected superMESHTM MOSFET N-channel 800V - 0.78Ω - 9A - TO-220/FP-TO-247 Zener-protected superMESHTM MOSFET
|
STMicroelectronics http://
|