PART |
Description |
Maker |
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
MAX487 MAX487E MAX487ECPA MAX487ECSA MAX487EEPA MA |
??5kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers Low-Power / Slew-Rate-Limited RS-485/RS-422 Transceivers 3.3/5-V RS-485 Transceiver 8-SOIC -40 to 85 15kV ESD-Protected / Slew-Rate-Limited / Low-Power / RS-485/RS-422 Transceivers 【15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers From old datasheet system " ?à15kV ESD-Protected, Slew-Rate Limited, Low-Power, RS-485/RS-422 Transceivers" ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers ±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers 卤15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers ±15kV ESD-Protected, Slew-Rate Limited, Low-Power, RS-485/RS-422 Transceivers
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm http:// MAXIM - Dallas Semiconductor
|
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
IDT723632 IDT723622 IDT723642 IDT723622L30PF IDT72 |
Quad, High Slew Rate, Single-Supply, Op Amp 14-TSSOP 0 to 70 Quad, High Slew Rate, Single-Supply, Op Amp 14-TSSOP -40 to 105 HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-SOIC 0 to 70 1K X 36 BI-DIRECTIONAL FIFO, 15 ns, PQFP120 CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2 512 X 36 BI-DIRECTIONAL FIFO, 15 ns, PQFP132
|
Integrated Device Technology, Inc.
|
HA-253903 HA3-2539-5 HA-2539 |
Op Amp, 600MHz, Very High Slew Rate 600MHz, Very High Slew Rate Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
MAX1482 MAX1482CPD MAX1482CSD MAX1482EPD MAX1482ES |
20A, 1.8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers 20A / 1.8-Unit-Load / Slew-Rate-Limited RS-485 Transceivers Low Power, Slew-Rate-Limited RS-485 Transceivers(250kbps锛????伐锛?S-485?跺??? Low Power, Slew-Rate-Limited RS-486 Transceivers(250kbps锛????伐锛?S-485?跺???
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ISL81483 ISL81483IB ISL81483IP ISL81487IB ISL81487 |
1/8 UNIT LOAD, 5V, LOW POWER, HIGH SPEED OR SLEW RATE LIMITED, RS-485/RS-422 TRANSCEIVERS 1/8 Unit Load/ 5V/ Low Power/ High Speed or Slew Rate Limited/ RS-485/RS-422 Transceivers 7V; 1/8 unit load, 5V, low power, high speed or slew rate limited, RS-485/RS-422 transceiver. For high node count networks, automated utility meter reading systems, factory automation, security networks
|
INTERSIL[Intersil Corporation]
|
ISL81487L ISL81487LIB-T ISL81487LIBZ-T ISL81487LIB |
5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 5kV的ESD保护 / 8单位负载V,低功耗,高速或摆率限制,RS-485/RS-422收发 【15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HS0-2520RH-Q 5962D9568501VGA 5962D9568501VPA 5962D |
Radiation Hardened Uncompensated/ High Slew Rate Operational Amplifier 0.10 UF 80-20% 50V Y5V (0805) CHIP CAP Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier OP-AMP, 8000 uV OFFSET-MAX, 20 MHz BAND WIDTH, CDIP8 Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier OP-AMP, 8000 uV OFFSET-MAX, 20 MHz BAND WIDTH, UUC8 CONNECTOR ACCESSORY OP-AMP, 10000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CDIP8
|
Intersil Corporation Intersil, Corp.
|
EL510208 EL5103IC EL5103IC-T7 EL5103IC-T7A EL5202I |
400MHz Slew Enhanced VFAs
|
Intersil Corporation
|
EL5304 EL5304IU EL5304IU-T13 EL5304IU-T7 EL5104IS |
700MHz Slew Enhanced VFA
|
INTERSIL[Intersil Corporation]
|
|