PART |
Description |
Maker |
EL515008 EL5250IY EL5451IS EL5451IS-T13 EL5451ISZ |
200MHz Amplifiers
|
Intersil Corporation
|
SP8690 SP8691 SP8690BDG SP8691ADG 5962-87678 SP869 |
200MHz÷8/9/10/11 200MHz梅8/9/10/11 200MHZ±8/9/10/11
|
List of Unclassifed Manufacturers ETC[ETC]
|
EL5197C EL5197CW-T7 EL5197AC EL5197ACS EL5197ACS-T |
Single 200MHz Fixed Gain Amplifier 00MHz的固定增益放大器 Single 200MHz Fixed Gain Amplifier with Enable 00MHz的固定增益放大器启用 From old datasheet system
|
Intersil, Corp. ELANTEC[Elantec Semiconductor]
|
LT1723 LT1722 LT1724 LT1722CS5 LT1722IS5 LT1722IS8 |
Single, Dual, Quad 200MHz Low Noise Precision Op Amps Single 200MHz Low Noise Precision Op Amp Dual 200MHz Low Noise Precision Op Amp
|
LINER[Linear Technology]
|
EL8100IWZ-T7 EL8101IWZ-T7 EL8100IWZ-T7A |
200MHz Rail-to-Rail Amplifiers
|
Intersil Corporation
|
M67730L 67730L |
175-200MHz,12.5V,30W,FM MOBILE RADIO From old datasheet system 175-200MHZ, 12.5V, 30W, FM MOBILE RADIO 175-200MHz /12.5V /30W /FM MOBILE RADIO
|
Mitsubishi Electric Semiconductor
|
LTC5588IPF-1PBF LTC5588-1 LT5572 LT5571 LT5568 LTC |
200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3 TELECOM, CELLULAR, RF AND BASEBAND CIRCUIT, PQCC24 4 X 4 MM, LEAD FREE, PLASTIC, UTQFN-24 200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
|
Linear Technology, Corp.
|
EDI8F32512C EDI8F32512C-MM EDI8G32512C-MM |
512Kx32 Static RAM CMOS, High Speed Module(512Kx32高速CMOS静态RAM模块) 2-Phase, High Speed CCD Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 200MHz Rail-to-Rail Amplifiers; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R
|
White Electronic Designs Corporation
|
AUNA-202 |
1.0 W 14-16 Volts, DC- 200MHz
|
http:// TriQuint Semiconductor
|
MABACT0048TR MABACT0048 |
2:1 Flux Coupled Transformer 5-200MHz
|
Tyco Electronics
|
MABACT0068 MABACT0068TR |
2:1 Flux Coupled Transformer 5-200MHz
|
Tyco Electronics
|