PART |
Description |
Maker |
B72735D0050H062 |
CeraDiode SMD type, array, case size 1012 CeraDiode SMD型,数组,箱尺寸1012
|
EPCOS AG
|
SLVU2.8-4 |
The SLVU2.8-4 was designed to protect low voltage, CMOS devices from ESD and lightning induced transients.
|
Littelfuse
|
SP3051 |
The SP3051 integrates low capacitance rail-to-rail diodes with an additional zener diode to protect each I/O pin against ESD and high surge events.
|
Littelfuse
|
REC10-4824SRWLZ REC10 REC10-1205DRWL REC10-1205SRW |
THYRISTOR PROTECT BIDIR 30A SMB ECONOLINE -直流/直流-转炉 THYRISTOR PROTECT BI-DIR 50A SMB ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 THYRISTOR PROTECT BIDIR 50A SMB ECONOLINE -直流/直流-转炉 DSUB CON D*M PIN F179A ECONOLINE -直流/直流-转炉 CONTACT SIG H3 P R/A 50 CONTACT SIGNAL H1 P R/A 30 CONTACT SIGNAL H2 P R/A 50 RP BKA COAX RG 316 SIZE 5 CONTACT SIGNAL H3 P R/A 30 CAB CON 16S PIN 22/20 F80 A176 CONTACT SIGNAL H1 P R/A 50 CAB CON 16S PIN 22/20 F80 A36 THYRISTOR PROTECT BI-DIR 30A SMB CTPIND*MA2024AS-NM-A156 THYRISTOR PROTECT BIDIR 100A SMB
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
CPDF5V0C-HF |
Halogen Free ESD Diodes, V-C=15V, V-ESD=8kV SMD ESD Protection Diode
|
Comchip Technology
|
NM93CS56 |
(MICROWIREBus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read (MICROWIRE Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read (MICROWIRE⑩ Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
VFP600-G2 VFP600-G2-840-06 VFP600-G2-830-06 VFP600 |
Value Flex Protect
|
OSRAM GmbH
|
CPDQT12V0U-HF CPDQT5V0U-HF CPDQT3V3U-HF |
Halogen Free ESD Diodes, V-C=23.7V, V-ESD=8kV SMD ESD Protection Diode Halogen Free ESD Diodes, V-C=10.4V, V-ESD=8kV
|
Comchip Technology
|
FM93CS06V FM93CS06 FM93CS06E |
(MICROWIRE Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read (MICROWIRE⑩ Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|