PART |
Description |
Maker |
AM29F400BT-90FC AM29F400BT-90EIB AM29F400BT-90SE |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 90 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc.
|
AM29LV400B AM29LV400BB120EC AM29LV400BB120ECB AM29 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory FEEDTHRU CAPACITOR, 47PF 3A 100VFEEDTHRU CAPACITOR, 47PF 3A 100V; Capacitance:0.047nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Temp, op. Ceramic Multilayer Capacitor; Capacitance:470pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:1206; Series:W3F; Leaded Process Compatible:Yes Am29LV400B KGD (Known Good Die Supplement) INNOLINE: High Voltage Input Series - For Telecom DSM, XDSL, Aplication- Internal Pi Filter- Multi-Outputs- Overcurrent Protection- High Efficiency to 80% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12x 8-Bit/256x 16位).0伏的CMOS只引导扇区闪 CAP CERM 2.2UF 4V X7R 0612 20% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 70 ns, PDSO48
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. Electronic Theatre Controls, Inc.
|
AM42DL1614DT45IT AM42DL1614DB45IT AM42DL1614DB35IT |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM Am29DL16xD 16兆位2米8 1个M x 16位).0伏的CMOS只,同时作业闪存兆位256亩16位),静态存储器 Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM Am29DL16xD 16兆位米8 1个M x 16位).0伏的CMOS只,同时作业闪存兆位56亩16位),静态存储器 Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA69
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29F200AB-90DWE1 AM29F200AT-90DWE AM29F200AT-90DW |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修1
|
Advanced Micro Devices, Inc.
|
M420000061 AM42DL3224GB25IT AM42DL3224GB30IT AM42D |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
AM41PDS3224DB35IS AM41PDS3224DB40IS AM41PDS3224DT1 |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位米16位).8伏的CMOS只,同时操作,页面模式闪存和4兆位12亩x 8-Bit/256亩x 16位),静态存储器 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位米16位)1.8伏的CMOS只,同时操作,页面模式闪存和4兆位12亩x 8-Bit/256亩x 16位),静态存储器 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Advanced Micro Devices, Inc.
|
AM29DL400BT-70EE AM29DL400BT-70EEB AM29DL400BT-70E |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only/ Simultaneous Operation Flash Memory
|
Advanced Micro Devices
|
AM29LV200T-90RFC |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
|
Advanced Micro Devices
|
S70GL256M00FFIIRA0 S70GL256M00FAIIRA0 S70GL256M00F |
256 Megabit (8 M x 32-Bit/16 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O Control
|
SPANSION[SPANSION]
|
AM29SL400DT100WAF AM29SL400DB90 AM29SL400DB90WAC A |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
|
SPANSION[SPANSION] AMD[Advanced Micro Devices]
|