PART |
Description |
Maker |
WPANT10011-S1B |
ISM Dual-band Miniature Antenna
|
World Produts Inc.
|
WPANT30087-R1A |
900 MHz ISM band Omni-directional Antenna
|
World Produts Inc.
|
GW715153 |
2.4GHz/5.8GHz Dipole Antenna for ISM Band and WLAN IEEE 802.11a/b/g/h
|
List of Unclassifed Man...
|
TI100422 |
433MHz ISM Band Helical Antenna Omni-directional, with a peak gain of 0dBi
|
List of Unclassifed Manufacturers
|
T7024-TRS T7024 T7024-PGP T7024-PGQ T7024-TRQ |
The T7024 is a monolithic SiGe transmit/receive front-end IC with power amplifier, low-noise amplifier and T/R switch driver. It is especially designed for operation in TDMA systems like Bluetooth and WDCT. BluetoothISM 2.4-GHz Front- End IC Bluetooth?ISM 2.4-GHz Front- End IC Bluetooth⑩/ISM 2.4-GHz Front- End IC Bluetooth/ISM 2.4-GHz Front- End IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
BAL-2690D3U |
50 / 30 j25 balun transformer for 2.45 GHz ISM band
|
STMicroelectronics
|
AT86RF211 |
ASSP for ISM - 400 to 950 MHz ISM Band, Up to 64K-bits/second Data Rate, FSK Modulation, Single Chip Transceiver for robust Wireless Low-cost Applications optimized for License Free in ISM bands.
|
Atmel
|
FXP840070055B |
FXP.840 Freedom Series Super Small Monopole Dual-band 2.4 GHz /5 GHz Antenna
|
List of Unclassifed Manufacturers
|
WPANT40011-SC |
900 / 2400 MHz ISM Dual Band Wrap-Around AMI Antenna
|
World Produts Inc.
|
FXP245070100A |
450MHz ISM Band Flex Circuit Antenna
|
List of Unclassifed Man...
|
FXP270070100A |
784MHz ISM Band Flex Circuit Antenna
|
List of Unclassifed Man...
|