PART |
Description |
Maker |
VSKH250-08PBF VSKL250-16 SKT250-04PBF SKT250-08PBF |
Silicon Controlled Rectifier, 555 A, 800 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 Silicon Controlled Rectifier, 555 A, 1600 V, SCR, MAGN-A-PAK-5 Silicon Controlled Rectifier, 555 A, 400 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 555 A, 800 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 555 A, 1000 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 377 A, 400 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 Silicon Controlled Rectifier, 377 A, 1200 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
|
Vishay Semiconductors Vishay Siliconix
|
S4060 S4060M S4060D S4060U |
10A sensitive-gate silicon controlled rectifier. Vrrxm, 25V. 10A sensitive-gate silicon controlled rectifier. Vrrxm, 400V. 10A sensitive-gate silicon controlled rectifier. Vrrxm, 600V. 10 AMPERE SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
|
General Electric Solid State ETC[ETC]
|
2N1795F 2N1798F 2N1792F 2N1793F 2N1794F 2N1797F 2N |
Silicon Controlled Rectifiers (fase) Silicon Controlled Rectifier; Package: TO-83; IT (Av) (A): 70; VTM (V): 2.1; VGT (V): 3; IGT (µA): 70000; tq (nsec): 40000; Vrrm (V): 400; 110 A, SCR, TO-208AD
|
Microsemi Corporation Microsemi, Corp.
|
X0405BE X0403ME |
SILICON CONTROLLED RECTIFIER,200V V(DRM),4A I(T),TO-202 SILICON CONTROLLED RECTIFIER,600V V(DRM),2.4A I(T),TO-202 From old datasheet system
|
ST Microelectronics
|
SCR006 SCR006-15 |
RECTIFIER FAST SWITCHING SILICON CONTROLLED RECTIFIER
|
Solid States Devices, Inc Solid States Devices, I...
|
CS220-25N CS220-25B CS220-25D CS220-25M |
Leaded Thyristor SCR SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS 25 A, 200 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS 25 A, 800 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 25 AMP, 200 THRU 800 VOLTS 25 A, 600 V, SCR, TO-220AB
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor, Corp.
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
15112GOA 15102GOA 15104GOA 15102GOAIL 15110GOA 151 |
Silicon Controlled Rectifier
|
Microsemi Corporation
|
|