PART |
Description |
Maker |
4N28STA-V 4N38S1TA-V 4N28S1TA-V 4N38STA 4N38STA-V |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER ROHS COMPLIANT, SURFACE MOUNT, DIP-6 6 PIN DIP PHOTOTRANSISTOR
|
Everlight Electronics Co., Ltd. EVERLIGHT ELECTRONICS CO LTD
|
PS7112-1A PS7112L PS7112L-1A PS7112L-1A-E3 PS7112L |
6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6引脚DIP00毫安的连续负载电1通道光学耦合场效应晶体管 Coaxial Cable; Coaxial RG/U Type:174; Impedance:50ohm; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Solid State Relay(固态继电器) 6-PIN DIP / 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6-PIN DIP 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
14-354W00-10 16-354W00-10 20-354W00-10 24-354W00-1 |
24-Pin SOWIC-to-22-Pin 0.400 CRT DIP Adapter for 75ALS162 and Others
|
Aries Electronics, Inc.
|
PA28-28-DP |
28 pin DIP ZIF socket/28 pin PLCC plug
|
List of Unclassifed Man...
|
16-304633-18-P 16-304633-18 |
20-Pin PLCC-to-16-Pin DIP Adapter for Motorola MC12009 and Others
|
Aries Electronics, Inc.
|
TIL117TM TIL117TVM TIL111SM TIL1113S TIL1113SD TIL |
6-Pin DIP Phototransistor Output Optocoupler 6-Pin DIP Low Input Current Phototransistor Output Optocoupler
|
Fairchild Semiconductor
|
PA280-44Z |
44 pin PLCC socket/40 pin DIP 0.6?plug
|
List of Unclassifed Man...
|
PA51-44Z |
44 pin PLCC socket/40 pin DIP 0.6?plug
|
List of Unclassifed Man...
|
PA17C42-DP |
40 pin DIP socket/44 pin PLCC plug
|
List of Unclassifed Man...
|
AD7896AR AD7896SQ AD7896JR AD7896BN AD7896AN AD789 |
2.7 V to 5.5 V/ 12-Bit/ 8 us ADC in 8-Pin SO/DIP 2.7 V to 5.5 V, 12-Bit, 8 us ADC in 8-Pin SO/DIP 14-Bit 50 kSPS ADC Ser. Out, 1.8V Operation 8-MSOP
|
Analog Devices, Inc.
|
1-1825008-0 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; DRS10RA04=Rot Dip,R/A ( Tyco Electronics )
|
Tyco Electronics
|