PART |
Description |
Maker |
STD20NF06 |
N-CHANNEL 60V - 0.032 - 24A DPAK STripFET II POWER MOSFET
|
STMicroelectronics
|
STD20NF06L 9618 STD20NF06LT4 STD20NF06L-1 |
From old datasheet system N-CHANNEL 60V - 0.032 OHM - 24A DPAK STRIPFET II POWER MOSFET
|
ST Microelectronics STMicroelectronics
|
FDA24N50 |
500V N-Channel MOSFET N-Channel MOSFET; Package: TO-3PN; No of Pins: 3; Container: Rail 24 A, 500 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 500V, 24A, 0.19ヘ N-Channel MOSFET 500V, 24A, 0.19Ω
|
Fairchild Semiconductor, Corp.
|
FDS5351 |
60V N-Channel PowerTrench MOSFET; Package: SO-8; No of Pins: 8; Container: Tape & Reel 6.1 A, 60 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench㈢ MOSFET 60V, 6.1A, 35mヘ N-Channel PowerTrench? MOSFET 60V, 6.1A, 35mΩ
|
Fairchild Semiconductor, Corp.
|
STF24NF12 |
N-channel 120V - 0.070Ω - 24A TO-220FP Low gate charge STripFET?/a> II MOSFET 24 A, 120 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-channel 120V - 0.070Ω - 24A TO-220FP Low gate charge STripFET II MOSFET
|
STMicroelectronics
|
HGTP12N60C3D HGT1S12N60C3DS HGTP12N60C3DNL |
24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes 24 A, 600 V, N-CHANNEL IGBT, TO-220AB 24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes 24 A, 600 V, N-CHANNEL IGBT, TO-263AB
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HGTG24N60D1D |
3.3V 36-mc CPLD 24A, 600V N-Channel IGBT with Anti-Parallel Ultrafast Diode 24A/ 600V N-Channel IGBT with Anti-Parallel Ultrafast Diode
|
INTERSIL[Intersil Corporation]
|
24N50 24N50G-T47-T 24N50L-T47-T 24N5012 |
24A, 500V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
STS4DNF60L 6121 STS4DNF60 |
N-Channel 60V-0.045Ω-4A SO-8 STripFET Power MOSFET(N沟道功率MOSFET) N沟道60V的,0.045Ω- 4A条的SO - 8 STripFET功率MOSFET(不适用沟道功率MOSFET的) N - CHANNEL 60V - 0.045 - 4A SO-8 STripFET TM POWER MOSFET N-CHANNEL POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
UT7410G-K08-3030-R UT7410L-K08-3030-R |
30V, 24A N-CHANNEL ENHANCEMENT MODE POWER MOSFET
|
Unisonic Technologies
|
HUFA76432S3S HUFA76432P3 HUFA76432S3ST |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 55A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 55A条(丁)|63AB 55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
|
Intersil, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRFZ44VZ IRFZ44VZL IRFZ44VZS IRFZ44VZPBF |
Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A) 功率MOSFET(减振钢板基本\u003d 60V的,的Rds(on)\u003d 12mohm,身份证\u003d 57A条) 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|