PART |
Description |
Maker |
5TT6 5TT8 5TT2 5TT3 5TT4 5TT5 5TT125 5TTP1.25 5TTP |
1ppm/°C, Low-Noise, 2.5V/ 4.096V/ 5V Voltage References CMOS, Micropower, Inverting Switching Regulator 150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit Dual/Triple-Voltage µP Supervisory Circuits
|
|
MIC5247 MIC5247-1.5BM5 MIC5247-1.8BM5 MIC5247-2.0B |
Controllers, Display; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 150mA Low-Voltage レCap Linear Regulator Preliminary Information 150mA Low-Voltage Cap Linear Regulator Preliminary Information 150mA Low-Voltage μCap Linear Regulator Preliminary Information
|
固定正电压单路输出LDO稳压 Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
SC2738IMSTRT |
Ultra Low Output Voltage Dual Linear FET Controller
|
Semtech Corporation
|
MAX5386MATE MAX5386LATE MAX5386NATE MAX5388LAUB MA |
Dual, 256-Tap, Volatile Low-Voltage Linear Taper Digital Potentiometers
|
Maxim Integrated Products
|
MAX5391 MAX5393 MAX5393MAUD |
Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
|
Maxim Integrated Products
|
ADP3302AR4 ADP3302AR2 ADP3302 ADP3302AR5 |
High Precision anyCAP?Dual Low Dropout Linear Regulator Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect 24-VQFN 0 to 125 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 High Precision anyCAPDual Low Dropout Linear Regulator
|
Analog Devices, Inc.
|
ICL8018A-C ICL8018A-M HI-DAC80V5 HI-DAC85V4 ICL802 |
Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 转换器IC Converter IC 转换器IC Constant-Current/Constant-Voltage Battery Charger with Preset Voltage and Termination Flag; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 转换器IC Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Constant-Voltage/Constant-Current Battery Charger; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C ConverterIC
|
Analog Devices, Inc. Intersil, Corp. M.S. Kennedy, Corp.
|
MIC5247-1.85BM5 MIC5247-1.85BML MIC5247-1.85YM5 MI |
150mA Low-Voltage 渭Cap Linear Regulator 150mA Low-Voltage μCap Linear Regulator 1.85 V FIXED POSITIVE LDO REGULATOR, PDSO6
|
Micrel Semiconductor MICREL INC
|
MAX4641 MAX4641EGA MAX4641EUA MAX4642 MAX4642EGA M |
High-Speed, Low-Voltage, 4? Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4, Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4з, Dual SPST CMOS Analog Switches High-Speed / Low-Voltage / 4 / Dual SPST CMOS Analog Switches High-Speed.Low-Voltage.4<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Dual SPST CMOS Analog Switches 高速,低电压,4з双通道SPST CMOS模拟开 High-Speed, Low-Voltage, 4蟹, Dual SPST CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
5962-8751503JX 5962-8751502JX 5962-8751504JX 5962- |
Evaluation Kit for the MAX8716 Dynamically Adjustable 6-Bit VID Step-Down Controller Low-Cost, Linear-Regulator LCD Panel Power Supplies Evaluation Kit for the MAX8717 Simplified Multichemistry SMBus Battery Charger Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers High-Voltage, Low-Power Linear Regulators for Notebook Computers Evaluation Kit for the MAX8713 x8 EPROM x8存储
|
API Delevan
|
KIA78R05 KIA78R05F KIA78R15F KIA78R06F KIA78R08F K |
Quadruple 2-Input Positive-OR Gates 14-TSSOP -40 to 85 正输入或14-TSSOP封装40℃到85 BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR) BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR) 1A 5-Terminal Low Drop(ON/OFF Controllable)
|
TE Connectivity, Ltd. KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|