PART |
Description |
Maker |
LA-B3 LA000B3B LA000B3CB LA000B3U LAIC3B3B LAIC3B3 |
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
|
CTS[CTS Corporation]
|
LBE66B1 LBE66B1B LBE66B1CB LBE66B1U LBE66B2 LBE66B |
HEAT DISSIPATORS FOR PLASTIC CASE, CASE-MOUNTED SEMICONDUCTORS
|
List of Unclassifed Manufac... List of Unclassifed Man...
|
HP3-420-CB |
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
|
CTS Corporation
|
NTE1V300 NTE524V48 NTE524V13 NTE524V15 NTEV480 NTE |
Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 390 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 150 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 270 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 750 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 18 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 24 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 39 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 56 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 68 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 33 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 27 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 22 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 270 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 430 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 390 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 171 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 56 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 120 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 150 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 100 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 82 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 68 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 47 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 33 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 39 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 27 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 24 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 22 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 18 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 47 V @ 1mA DC test current. Metal Oxide Varistors (MOV) 金属氧化物压敏电阻(MOV)的 Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 750 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 100 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 171 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 430 V @ 1mA DC test current.
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
RTOP |
Power Resistors for Mounting onto a Heatsink Featuring Up to 4 different ohmic values in the same case, Non inductive, Easy mounting, Low Thermal Radiation of the case, Standard Isotop case (SOT 227 B)
|
Vishay
|
TXH TXH120-124 TXH120-148 TXH240-124 TXH240-112 TX |
Metal Case Power Supplies
|
TRACO Electronic AG
|
PIP8.4H2 PHP8.4 PHP8.4H1 PIP208H2 PIP8.4H1 PIP24H1 |
7500 W, BIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, CASE-11, 2 PIN 7500 W, BIDIRECTIONAL, SILICON, TVS DIODE HERMETIC SEALED, METAL, CASE-11, 2 PIN 15000 W, BIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, CASE-11, 2 PIN
|
Microsemi, Corp. ProTek Devices MICROSEMI CORP-SCOTTSDALE
|
24IMO12-03-7 48IMO12-03-7 24IMO12-05-7 48IMO12-05- |
1-OUTPUT 10 W DC-DC REG PWR SUPPLY MODULE 2 X 1 INCH, METAL CASE-5 1-OUTPUT 12 W DC-DC REG PWR SUPPLY MODULE 2 X 1 INCH, METAL CASE-5
|
Power-One, Inc. POWER-ONE INC
|
BUY82X |
NPN SILICON PLANER EPITAXIAL TRANSISTOR IN HERMETICALLY SEALED METAL CASE
|
Seme LAB
|
BUY82 |
NPN SILICON PLANAR EPITAXIAL TRANSISTOR IN HERMETICALLY SEALED METAL CASE
|
SemeLAB SEME-LAB[Seme LAB]
|
3N246 3N247 3N248 3N249 3N250 3N251 3N252 |
Diode Rectifier Bridge Single 50V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 100V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 200V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 400V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 600V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 800V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 1KV 1.5A 4-Pin Case KBPM
|
New Jersey Semiconductor
|
KBP005M KBP02M KBP01M KBP04M KBP08M KBP06M KBP10M |
Diode Rectifier Bridge Single 50V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 200V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 100V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 400V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 800V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 600V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 1KV 1.5A 4-Pin Case KBPM
|
New Jersey Semiconductor
|