PART |
Description |
Maker |
STD-1932 STD-2003 STD-1638 STD-1504 STD-1204 STD-1 |
ADAPTER - 36W / 48W/ 60W
|
Volgen Kaga Electronics Inc.
|
LTC1046 LTC1046C LTC1046CN8 LTC1046CS8 LTC1046I LT |
“Inductorless?5V to 5V Converter “Inductorless 5V to 5V Converter “Inductorless” 5V to 5V Converter Programmable Logic Controller; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No “Inductorless5V to 5V Converter “Inductorless?/a> 5V to 5V Converter
|
LINER[Linear Technology] Linear Technology Corporation
|
MAX160-MX7574 MX7574 MAX7574TD MAX7574SQ MAX7574AQ |
Microprocessor compatible 8-bit A/D converter. Fast conversion time 15microsec. Error -3/4 LSB. Hex Schmitt-trigger Inverters 14-CFP -55 to 125 μP Compatible 8 Bit A/D Converter ヌP COMPATIBLE 8 BIT A/D CONVERTER 10 AMP MINIATURE POWER RELAY レP Compatible 8 Bit A/D Converter 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC18 ?? Compatible 8 Bit A/D Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
BZY97-C12 BZY97-C11 BZY97-C68 BZY97-C13 BZY97-C15 |
CONVERTER DC-DC 10W 24V/15V DUAL CONVERTER DC-DC 10W 48V/3.3V SGL CONVERTER DC-DC 10W 48V/5V SGL CONVERTER DC-DC 1W 5V/12V DUAL CONVERTER DC-DC 12W 5V/15V DUAL 稳压二极 CONVERTER DC-DC 12W 5V/5V SGL 稳压二极 CONVERTER DC-DC 10W 48V/15V DUAL 稳压二极 CONVERTER DC-DC 10W 48V/5V DUAL 稳压二极 CONVERTER DC-DC 15W 48V/15V DUAL 稳压二极 CONVERTER DC-DC 6W 5V/5V SGL 稳压二极 CONVERTER DC-DC 6W 5V/12V SGL 稳压二极 CONVERTER DC-DC 20W 12V TRIPLE CONVERTER DC-DC 12W 5V/5V DUAL ZENER DIODES
|
http:// GE[General Semiconductor] GE Security, Inc.
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
RDC-630-A-H-1-R SDC-630-A-H-3-R RDC-630-A-H-3-R SD |
Synchro-to-Digital Converter 同步数字转换 Converter 转换 Resolver-to-Digital Converter 分解器数字转换器 SYNCHRO OR RESOLVER TO DIGITAL CONVERTER, DIP27 SYNCHRO OR RESOLVER TO DIGITAL CONVERTER, DMA27
|
HIROSE ELECTRIC Co., Ltd. Digi International, Inc. Welwyn Components, Ltd. Austriamicrosystems AG RAF Electronic Hardware DATA DEVICE CORP
|
TC96205 TC962MJA TC1047_06 TC962COE TC962CPA TC962 |
Precision Temperature-to-Voltage Converter High Current Charge Pump DC-to-DC Converter
|
MICROCHIP[Microchip Technology]
|
TSL257 |
HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
|
ETC
|
5962-8866905XX 5962-8866905ZX 5962-8866901XX 5962- |
12-Bit A/D Converter with 3-State Binary Outputs 3 1/2 Digit A/D Converter x9 Asynchronous FIFO X9热卖异步FIFO
|
Avago Technologies, Ltd.
|
HI3286 |
A/D Converter, 8-Bit, 160MSPS, Input Bandwidth 250MHz, Flash, with PS Power Saving Pin 8Bits 160MSPS, Flash A/D Converter(8浣??60MSPS ???A/D杞???? 8Bits 160MSPS, Flash A/D Converter(8位60MSPS 闪存A/D转换
|
Intersil Corporation
|
HI2302 |
A/D Converter, 8-Bit, 50MSPS, Converter with Clamp Function
|
Intersil
|