PART |
Description |
Maker |
MAX162 MAX162ACNG MAX162ACWG MAX162AING MAX162AMRG |
Complete High-Speed CMOS, 12-Bit ADC " Complete High-Speed CMOS, 12- Bit ADC" JT 3C 3#16 PIN RECP Complete High-Speed CMOS 12-Bit ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 16-Bit Ultra-Low-Power Microcontroller, 16kB OTP, 512B RAM, 92 segment LCD 56-SSOP -40 to 85
|
MAXIM - Dallas Semiconductor http:// MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
BU-61580 |
ACE Complete Integrated Bc-rt-mt Terminal
|
DDC
|
AT76C111NBSP AT76C111 |
AT76C111 Summary [Updated 8/02. 3 Pages] A highly Integrated Solution for Digital Cameras. It combines a number of functions that are required in implementing digital cameras. The Complete is available under Non-Disclosure Agreement. High-Performance Digital Camera Processor
|
ATMEL Corporation
|
AD1377JD AD1376 AD1376JD AD1376KD AD1377 AD1377KD |
Complete, High Speed 10 s to 16-Bit A/D Converter Complete, High Speed 16-Bit A/D Converters Complete/ High Speed 16-Bit A/D Converters Complete, High Speed 16-Bit A/D Converters
|
http:// Analog Devices
|
PTE5100D1A PTE5015D1A |
Sensorless control object code license for AC permanent magnet motor Complete AC servo motor control IC one-chip solution for complete closed loop current control and velocity control for a high performance servo drive system. DIFFERENZDRUCKSENSOR
|
Sony, Corp.
|
MAX8213A MAX8213B MAX8213 MAX8214BESE MAX8214A MAX |
Five Universal Voltage Monitors, Complete µP Voltage Monitoring "Five Universal Voltage Monitors, Complete μP Voltage Monitoring" " Five Universal Voltage Monitors, Complete μP Voltage Monitoring" Five Universal Voltage Monitors-Complete Microprocessor Voltage Monitoring Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring Five Universal Voltage Monitors with Active Pull-Ups From old datasheet system ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% Five Universal Voltage Monitors, Complete µP Voltage Monitoring 5-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP16 Synchronous 4-Bit Binary Counters 16-CDIP -55 to 125 5-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
5962-89629013X 5962-8962902LX AD7569ACHIPS AD7569T |
LC2MOS Complete, 8-Bit Analog I/0 Systems LC2MOS Complete, 8-Bit Analog I/0 Systems SPECIALTY ANALOG CIRCUIT, PQCC28 LC2MOS Complete/ 8-Bit Analog I/0 Systems CMOS, Complete 8-Bit Analog I/0 Port with Single DAC Output
|
Analog Devices, Inc.
|
ADADC71KD ADADC71JD ADADC72BD ADADC72JD |
Complete, High Resolution 16-Bit A/D Converters
|
Analog Devices
|
MX7572JN05 MX7572CQ05 MX7572KCWG12 |
Complete High-Speed CMOS, 12-Bit ADC
|
MAXIM - Dallas Semiconductor
|
ISL8204M |
(ISL8204M / ISL8206M) Complete High Efficiency DC/DC Power Supply
|
Intersil Corporation
|
AD7868 AD7868BR AD7868BQ |
Complete 12-bit I/O System Containing a DAC And an ADC(完备2位I\O系统(包含一个A/D转换器和一个D/A转换器)) LC2MOS Complete, 12-Bit Analog I/O System SPECIALTY ANALOG CIRCUIT, PDSO28 LC2MOS Complete, 12-Bit Analog I/O System SPECIALTY ANALOG CIRCUIT, CDIP24
|
Analog Devices, Inc.
|