PART |
Description |
Maker |
IDT72V3652 IDT72V3672 |
3.3 VOLT CMOS SyncBiFIFO?
|
IDT
|
72V3664L15PFG8 |
3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
|
Integrated Device Techn...
|
IDT723672 IDT723672L12PF IDT723672L12PQF IDT723672 |
CMOS SyncBiFIFO
|
IDT[Integrated Device Technology]
|
74LCX646RM13TR 74LCX646 74LCX646M1R 74LCX646TTR |
LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
|
STMICROELECTRONICS[STMicroelectronics]
|
AT29BV040A AT29BV040A-20TC AT29BV040A-20TI AT29BV0 |
4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory 4M bit, 2.7-Volt Read and 2.7-Volt Write Flash
|
ATMEL[ATMEL Corporation]
|
AM29LV002 AM29LV002B-90RECB AM29LV002B-120FCB AM29 |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory Half Bridge Driver, LO Out of Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位56亩8位).0伏的CMOS只,引导扇区闪存 Connector 连接 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 MB 18C 18#20 PIN RECP 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区闪存 256K X 8 FLASH 3V PROM, 90 ns, PDSO40
|
AMD Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
A29L008UV-90 A29L008TV-90U A29L008TV-90 A29L008TV- |
90ns; active read:9mA; programm/erase:20mA 0.2uA 1M x 8bit CMOS 3.0V-only boot sector flash memory 1M X 8 Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory From old datasheet system
|
AMICC[AMIC Technology]
|
AM29LV004B AM29LV004BT-90FIB AM29LV004BB-120EC AM2 |
4 megabit CMOS 3.0 volt-only, boot sector flash memory 4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩8位)的CMOS 3.0伏,只引导扇区闪 KC series Rotary switches have a no stop option and up to 12 positions and 4 poles
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices] http://
|
AM29LV081B AM29LV081B-120EC AM29LV081B-120ECB AM29 |
8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory Gate Driver; Package: PG-DSO-8; RthJA (max): -; 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory 8兆位米8位)的CMOS 3.0伏特,只有扇区擦除闪 CORECONTROL™ Gate Driver 1M X 8 FLASH 3V PROM, 70 ns, PDSO40 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory 1M X 8 FLASH 3V PROM, 70 ns, PDSO40 8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory 8兆位1米8位)的CMOS 3.0伏特,只有扇区擦除闪
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|