PART |
Description |
Maker |
1624112 |
LOW INDUCTANCE, HIGH FREQUENCY CHIP INDUCTOR SERIES 3650
|
Tyco Electronics
|
350JJ612U6R3C 350GJ451U050C 350JJ901U050C 350HE122 |
Low Inductance, Radial, Aluminum Electrolytic High Frequency, Solid Aluminum Top
|
Cornell Dubilier Electronics http:// Cornell Dubilier Electronic... Cornell Dubilier Electr...
|
FD2000DU-120 |
MITSUBISHI HIGH-FREQUENCY RECTIFIER DIODES HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE HIGH POWER/ HIGH FREQUENCY/ PRESS PACK TYPE HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE 高功率,高频率,按包装类
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric, Corp.
|
BOURNSINC-PM40-390K PM40-1R8K PM40-120K PM40-271K |
Ferrite Bead Inductor; Series:PM40; Inductance:1.8uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:60MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:390mA Ferrite Bead Inductor; Series:PM40; Inductance:12uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:18MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:225mA Ferrite Bead Inductor; Series:PM40; Inductance:270uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:3MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:92mA Ferrite Bead Inductor; Series:PM40; Inductance:120uH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:6MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:110mA Ferrite Bead Inductor; Series:PM40; Inductance:1.5uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:70MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:410mA Ferrite Bead Inductor; Series:PM40; Inductance:680nH; Inductance Tolerance: /- 20 %; Q Factor:30; Self Resonant Frequency:160MHz; Terminal Type:PCB Surface Mount; Current Rating:450mA; Leaded Process Compatible:No 1 ELEMENT, 0.27 uH, GENERAL PURPOSE INDUCTOR, SMD
|
BOURNS INC
|
PM54-330L-RC BOURNSINC-PM54-470L-RC |
Power Inductor; Series:PM54; Inductance:33uH; Inductance Tolerance: /- 15 %; Self Resonant Frequency:16MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:880mA; Leaded Process Compatible:Yes
|
BOURNS INC
|
PM1812-221J-RC PM1210-470J-RC PM1812-470J-RC PM181 |
SMT Chip Inductors SMD Inductor; Series:PM1210; Inductance:10uH; Inductance Tolerance: /- 5 %; Q Factor:30; Self Resonant Frequency:36MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:150mA; Leaded Process Compatible:Yes SMD Inductor; Series:PM1812; Inductance:3.3uH; Inductance Tolerance: /- 5 %; Q Factor:50; Self Resonant Frequency:45MHz; Terminal Type:PCB Surface Mount; Current Rating:335mA; Leaded Process Compatible:Yes SMD Inductor; Series:PM1210; Inductance:1.5uH; Inductance Tolerance: /- 5 %; Q Factor:28; Self Resonant Frequency:85MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:370mA; Leaded Process Compatible:Yes
|
Bourns Electronic Solutions BOURNS INC
|
PM1210-R039J |
SMD Inductor; Series:PM1210; Inductance:39nH; Inductance Tolerance: /- 5 %; Q Factor:25; Self Resonant Frequency:1.3GHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:450mA; Leaded Process Compatible:No
|
BOURNS INC
|
15GN01SA |
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
|
Sanyo Semicon Device
|
KSC945Y KSC945CG KSC945CL KSC945CO KSC945CR KSC945 |
NPN Epitaxial Silicon Transistor Audio Frequency Amplifier & High Frequency OSC. Audio Frequency Amplifier & High Frequency OSC.
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
TXL150-05S TXL050-05S TXL035-33S TXL035-3.3S TXL02 |
MB 5C 5#16 PIN PLUG MB 4C 4#12 SKT PLUG Circular Connector; No. of Contacts:21; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-21 MB 12C 8#20 4#16 PIN PLUG PTSE 21C 21#16 PIN RECP Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT07; Number of Contacts:39; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle MB 19C 19#20 PIN PLUG Inductor; Inductor Type:High Frequency; Inductance:2uH; Inductance Tolerance: /- 15 %; Series:FP3; DC Resistance Max:15mohm; Package/Case:FLAT-PAC 3; Core Material:Powdered Iron; Current, It rms:5.4A; Leaded Process Compatible:No RoHS Compliant: Yes SMD Inductor; Inductor Type:High Frequency; Inductance:1.5uH; Inductance Tolerance: /- 15 %; Series:FP3; DC Resistance Max:13.1mohm; Package/Case:FLAT-PAC 3; Core Material:Powdered Iron; Current, It rms:5.78A RoHS Compliant: Yes Switching Power Supplies - TXL Series, 25600 Watt 开关电 TXL系列2500瓦特 Switching Power Supplies - TXL Series, 25?600 Watt
|
TRACO ELECTRONIC AG.
|
2000-6R8-H-RC 2000-3R3-V-RC 2000-1R2-V-RC 2000-5R6 |
Toroidal Inductor; Series:2000; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Current Rating:7.2A; Leaded Process Compatible:Yes; Resistance:13mohm 1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1.2 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2000; Inductance:5.6uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Current Rating:9.7A; Leaded Process Compatible:Yes; Resistance:6.9mohm 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR Low radiation High operation frequency Toroidal Inductor; Series:2000; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Current Rating:2.2A; Leaded Process Compatible:Yes; Resistance:1.7mohm 1 ELEMENT, 0.5 uH, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|