PART |
Description |
Maker |
86093967113745000E 8609XXX7113XX5 8609364711374500 |
DIN STANDARD HEADER(ANGLED SPILL DIN 41612 STYLE-C)
|
FCI-CONNECTOR[FCI connector]
|
SETM SETK SETA SETB SETD SETE SETG SETJ |
Compliant to DIN standard, Compliant to IEC603-2/DIN41612 standard; HRS No: 583-0071-7 72; No. of Positions: 96; Connector Type: Wire; Contact Gender SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
|
Electronics Industry Public Company Limited EIC[EIC discrete Semiconductors]
|
HOA6980L51 HOA6990L51 HOA6980L55 HOA6990L55 HOA698 |
Compliant to DIN standard, Compliant to IEC603-2/DIN41612 standard; HRS No: 583-0269-4 00; Operating Temperature Range (degrees C): -55 to 85; General Description: Accessory; Polarizing key:PBT; Black
|
Honeywell International, Inc.
|
DIN-96MR-L33-A1C1 DIN-96FS-L33-A1C1 |
DIN 41612 CONNECTORS STANDARD TYPE C
|
Adam Technologies, Inc.
|
0901700014 90170-0014 |
2.54mm (.100) Pitch QF-50?? Strain Relief, DIN 41651, Standard Low Profile, 14 Circuits 2.54mm (.100) Pitch QF-50? Strain Relief, DIN 41651, Standard Low Profile, 14 Circuits
|
Molex Electronics Ltd.
|
0901700020 90170-0020 |
2.54mm (.100) Pitch QF-50?? Strain Relief, DIN 41651, Standard Low Profile, 20 Circuits 2.54mm (.100) Pitch QF-50? Strain Relief, DIN 41651, Standard Low Profile, 20 Circuits
|
Molex Electronics Ltd.
|
PE3C2004-100CM |
7/16 DIN Male to 7/16 DIN Female LSZH Jacketed Cable 100cm
|
Pasternack Enterprises, Inc...
|
MDS-008 |
DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
|
Adam Technologies, Inc.
|
PE7418-50 |
50 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
PE7042-30 |
30 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 7.5 GHz
|
Pasternack Enterprises, Inc.
|
6257 |
7/16 DIN Adapter 7/16 DIN Male To N Female
|
Pomona Electronics
|
CRIMPFOX-UD-6-6 |
Crimping pliers, hexagonal compression, for ferrules 0.25 - 6 mm2 in accordance with DIN 46228-1: 1992-08 and DIN 46228-4: 1990-09
|
PHOENIX CONTACT
|