PART |
Description |
Maker |
8609XXX81X4XX5 |
DIN STANDARD RECEPTACLE(STRAIGHT SPILL DIN 41612 STYLE-C)
|
FCI-CONNECTOR[FCI connector]
|
86093967113745000E 8609XXX7113XX5 8609364711374500 |
DIN STANDARD HEADER(ANGLED SPILL DIN 41612 STYLE-C)
|
FCI-CONNECTOR[FCI connector]
|
86092325113745000E 8609XXX51137X5 86092645113785EL |
DIN STANDARD HEADER(ANGLED SPILL DIN 41612 STYLE-B)
|
http:// FCI-CONNECTOR[FCI connector]
|
MCP41010MCP42010 MCP41050-I/P MCP41050-E/SN MCP410 |
Single/Dual Digital Potentiometer with SPI?/a> Interface Single/Dual Digital Potentiometer with SPIInterface 双数字电位器接口与SPI The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... The MCP42100 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP42010 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The The MCP41100 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41100 ha The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41050 ha The MCP41010 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI serial interface. The wiper position varies linearly and is controlled via the SPI interface. The MCP41010 ha 400000 SYSTEM GATE 2.5 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN The MCP42050 digital potentiometer features two independent channels, 8-bit resolution (256 wiper steps), and an industry-standard ... The MCP41050 single-channel digital potentiometer features 8-bit resolution (256 wiper steps), and an industry-standard SPI™ ... IC,DIGITAL POTENTIOMETER,CMOS,DIP,8PIN,PLASTIC Single/Dual Digital Potentiometer with SPI Interface Single/Dual Digital Potentiometer with SPI?/a> Interface Single/Dual Digital Potentiometer with SPI?Interface
|
Microchip Technology, Inc. Microchip Technology Inc.
|
90170-0040 0901700040 |
2.54mm (.100) Pitch QF-50? Strain Relief, DIN 41651, Standard Low Profile, 40 Circuits
|
Molex Electronics Ltd.
|
90170-0060 0901700060 |
2.54mm (.100) Pitch QF-50? Strain Relief, DIN 41651, Standard Low Profile, 60 Circuits
|
Molex Electronics Ltd.
|
0901700014 90170-0014 |
2.54mm (.100) Pitch QF-50?? Strain Relief, DIN 41651, Standard Low Profile, 14 Circuits 2.54mm (.100) Pitch QF-50? Strain Relief, DIN 41651, Standard Low Profile, 14 Circuits
|
Molex Electronics Ltd.
|
0901700030 90170-0030 |
2.54mm (.100) Pitch QF-50?? Strain Relief, DIN 41651, Standard Low Profile, 30 Circuits 2.54mm (.100) Pitch QF-50? Strain Relief, DIN 41651, Standard Low Profile, 30 Circuits
|
Molex Electronics Ltd.
|
ED24B5 ED24C3 ED24C3R ED24C5 ED24D3 ED24D5 ED24DX |
DIN rail mount AC output Solid State Relay in an Industry standard EMR plug in package
|
Crydom Inc.,
|
M25PE80 M25PE80-VMN6G M25PE80-VMN6P M25PE80-VMN6TG |
8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
|
Numonyx B.V
|
MCP2510-I/P MCP2510-I/SO MCP2510-E/P MCP2510-E/SO |
The MCP2510 18-pin stand-alone CAN (Control Area Network) controller features an industry standard SPI serial interface, enabling ...
|
Microchip
|
M25PE80-VMW6G |
8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
|
STMicroelectronics http://
|