PART |
Description |
Maker |
568-2232-2224 568-2231-1114F |
4X4 CBI ARRAY BLOCK T-1 SINGLE COLOR LED ARRAY, GREEN, 3 mm T-1 SINGLE COLOR LED ARRAY, RED, 3 mm
|
Dialight PLC DIALIGHT CORP
|
HWS428 |
GaAs 0.9-3.0 GHz 4x2 Switch Matrix
|
Hexawave, Inc
|
HMC276LP4 HMC276LP4E |
GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
|
Hittite Microwave Corporation
|
HMC276QS24 |
GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
|
Hittite Microwave Corpo...
|
0128360000 |
Terminal Block; Wire Size (AWG):22-10; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 36 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
25.340.0553.0 |
Terminal Block; No. of Positions:5; Pitch Spacing:0.2"; Mounting Type:PC Board; Color:Light Gray; No. of Contacts:5; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 15 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc.
|
39910-0102 39910-0105 39910-0103 39910-0108 913507 |
CONN TERM BLOCK 2POS 10.16MM 60A 60 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK NEO 10.16mm Hi-Pwr 60A S91 Sty05 Ckt05 60 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK 399100103 60 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK CONN TERM BLOCK 8POS 10.16MM 60A 60 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK 40 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc. MOLEX INC
|
80196 N87C196KC20 S87C196KC20 S80C196KC20 SB80C196 |
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER 16-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQFP80 COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER 商业/快递CHMOS单片 BOX ABS PLASTIC GRY 4.4X2.6X.83,1 BOX ABS PLASTIC GRY 3.6X2.6X.83,1 BOX ABS PLASTIC BLK 4.4X2.6X.83,1 BOX ABS PLASTIC BLK 3.6X2.6X.83,1
|
Intel Corporation Intel, Corp. Intel Corp.
|
1011200000 |
Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp; External Width:35mm; Voltage Rating, AC:800V RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK, 1 DECK
|
Weidmuller, Corp.
|
|