PART |
Description |
Maker |
2DAA-F6RLF 2DAA-F6R |
Integrated Passive & Active Device
|
BOURNS[Bourns Electronic Solutions]
|
2DAD-C5RLF 2DAD-C5R |
Integrated Passive & Active Device using CSP
|
BOURNS[Bourns Electronic Solutions]
|
2FAA-M20R 1N4148 |
Switching Diode Integrated Passive & Active Device using MLP
|
Bourns, Inc. Yangzhou yangjie electronic co., ltd BOURNS[Bourns Electronic Solutions]
|
2FAF-C10R |
Integrated Passive & Active Device 4 FUNCTIONS, DATA LINE FILTER
|
Bourns, Inc.
|
2FAH-C20RLF |
Integrated Passive & Active Device using CSP 7 FUNCTIONS, DATA LINE FILTER
|
Bourns, Inc.
|
IP4251CZ8-4 IP4252CZ8-4 IP4253CZ8-4 IP4254CZ8-4 IP |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT984-1 (HXSON12U), Reel Pack, SMD, 13" 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT985-1 (HXSON16U), Reel Pack, SMD, 13" 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT983-1 (HXSON8U), Reel Pack, SMD, 13" 4 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 4 FUNCTIONS, 5.6 V, DATA LINE FILTER
|
NXP Semiconductors N.V.
|
3600BP15M600 2500BP15M400 2450BP15F0100 0869LD14D1 |
Integrated Passive Component Packaging
|
Johanson Technology Inc. Johanson Technology Inc...
|
TCP-3082H |
8.2 pF Passive Tunable Integrated Circuits (PTIC)
|
ON Semiconductor
|
TCP-3047H |
4.7 pF Passive Tunable Integrated Circuits (PTIC)
|
ON Semiconductor
|
IP3254CZ12-6-TTL IP3254CZ16-8-TTL IP3253CZ16-8-TTL |
Integrated 4-, 6- and 8-channel passive EMI-filter network with high-level ESD protection SPECIALTY CONSUMER CIRCUIT, PDSO16 Integrated 4-, 6- and 8-channel passive EMI-filter network with high-level ESD protection
|
NXP Semiconductors N.V.
|
IP5311CX5 |
Dual-channel Integrated Passive Filter Network
|
NXP
|
|