PART |
Description |
Maker |
AM29LV040B-70JF |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:40Mbit; Package/Case:32-PLCC; Peak Reflow Compatible (260 C):No; Supply Voltage Max:3V; Access Time, Tacc:70ns; Series:AM29 RoHS Compliant: Yes 512K X 8 FLASH 3V PROM, 70 ns, PQCC32
|
Spansion, Inc.
|
EDI88512CA_LPA-B32 EDI88512CA_LPA-C EDI88512CA_LPA |
20ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 17ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 35ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 45ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 25ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 15ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 512Kx8 Monolithic SRAM SMD 5962-95600 512Kx8 Monolithic SRAM, SMD 5962-95600 SRAM
60MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 12MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R NTC Thermistor; Series:PANR; Thermistor Type:NTC; Resistance:1kohm; Beta:3500; Package/Case:Radial; Leaded Process Compatible:Yes; Mounting Type:Through Hole; R/T Curve:M; Terminal Type:Radial Leaded RoHS Compliant: Yes 12MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 静态存储器 60MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 静态存储器 12MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP 静态存储器 55ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600
|
White Electronic Designs ETC[ETC] Electronic Theatre Controls, Inc.
|
AM29F800BT-120ED AM29F800BB-70SD AM29F800BB-90SD A |
Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:8Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:120ns; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 5V PROM, 120 ns, PDSO48 Flash Memory IC; Memory Size:8Mbit; Package/Case:44-SOIC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:70ns; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 5V PROM, 70 ns, PDSO44 Flash Memory IC; Memory Size:8Mbit; Package/Case:44-SOIC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 5V PROM, 90 ns, PBGA48
|
Spansion, Inc. SPANSION LLC
|
AM24S-3.3-13 AM48S-3.3-13 AM48S-2.5-10 AM48S-15-20 |
7ns, Low Power, Single Supply, Ground-Sensing Comparator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 90NS, FLATPACK, 883C; LEV B COMPLIANT(EEPROM) Analog IC 90NS, PLCC, IND TEMP(EEPROM) 70NS, PDIP, COM TEMP(EEPROM) 模拟IC
|
Glenair, Inc.
|
AT49BV002A-70VI AT49BV002AT-70JI AT49BV002AT-70JU |
70NS, VSOP, IND TEMP(FLASH) 256K X 8 FLASH 2.7V PROM, 70 ns, PDSO32 70NS, PLCC, IND TEMP(FLASH) 256K X 8 FLASH 2.7V PROM, 70 ns, PQCC32 70NS, PLCC, IND TEMP, GREEN(FLASH) 256K X 8 FLASH 2.7V PROM, 70 ns, PQCC32 70NS, TSOP, IND TEMP(FLASH) 256K X 8 FLASH 2.7V PROM, 70 ns, PDSO32 70NS, VSOP, IND TEMP, ROHS-A(FLASH)
|
Atmel, Corp. ATMEL CORP
|
CY7C1372CV25-167AI CY7C1372CV25-167BGI CY7C1372CV2 |
512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 3 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 3 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 3 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 2.8 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 2.8 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3.4 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3.4 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 12k × 36/1M × 18流水线的SRAM架构的总线延迟 CAP,Ceramic,10000pF,500VDC,10-% Tol,10% Tol,X7R-TC Code,-15,15%-TC,30ppm-TC RoHS Compliant: Yes 512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
M29W160EB70N1 M29W160EB70N1T M29W160EB70N6 M29W160 |
16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 16兆位(含2Mb x8兆x16插槽,引导块3V电源快闪记忆 CAP 3300UF 6.3V ELECT FC RADIAL 16兆位(含2Mb x8兆x16插槽,引导块V电源快闪记忆 16 Mbit (2Mb x8 or 1Mb x16 / Boot Block) 3V Supply Flash Memory 16 MBIT (2MB X8 OR 1MB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 70ns; V(in/out): -0.6 to 0.6V; 16Mbit (2Mb x 8 or 1Mb x 16, boot block) 3V supply flash memory
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
W963A6BBN80E |
512K WORD X 16 BIT LOW POWER PSEUDO SRAM 512K X 16 PSEUDO STATIC RAM, 75 ns, PBGA48
|
Winbond Electronics, Corp.
|
CY7C1366B-200BGI CY7C1366B-200BGC CY7C1366B-225BGI |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PQFP100 CONNECTOR ACCESSORY 512K X 18 CACHE SRAM, 3 ns, PQFP100 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA119 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 256K X 36 CACHE SRAM, 2.8 ns, PBGA165 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 9 - MB的(256 × 36/512K × 18)流水线双氰胺同步静态存储器
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
|