PART |
Description |
Maker |
BZG05C BZG05C10 BZG05C100 BZG05C11 BZG05C12 BZG05C |
High Precision 10 V Reference; Package: CHIPS OR DIE; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 High Precision 10 V Reference; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 2.5 V/3.0 V Ultrahigh Precision Bandgap Voltage Reference; Package: PDIP; No of Pins: 8; Temperature Range: Industrial 硅的Z -二极 High Precision 10 V Reference; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 Silicon Z-Diodes 硅的Z -二极 High Precision 10 V Reference; Package: CerDIP; No of Pins: 8; Temperature Range: Military Silicon Z-Diode(稳压应用电压范围3.3-100V的齐纳二极管) From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Telefunken
|
EF6805R2PTD EF6805R2PVD EF6805R3PVD |
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier; Temperature Range: -40°C to 85°C; Package: 16-SOIC Precision Quad Comparators; Temperature Range: 0°C to 70°C; Package: 16-SOIC 20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers; Temperature Range: 0°C to 70°C; Package: 8-SOIC 100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers; Temperature Range: 0°C to 70°C; Package: 8-SOIC 1 Microsecond Precision Sample and Hold Amplifier; Temperature Range: 0°C to 70°C; Package: 16-SOIC 8位微控制
|
KEMET Corporation
|
PEEL18CV8C-30 PEEL18CV8P-30 PEEL18CV8J30 PEEL18CV8 |
Precision Reference; Package: METAL CAN; No of Pins: 8; Temperature Range: -55° to 125°C Low Noise, High Speed Precision Operational Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C ASIC 专用集成电路 5V Bandgap Reference; Package: TO-92; No of Pins: 3; Temperature Range: 0°C to 70°C 电可擦除可编程逻辑器件
|
Amphenol, Corp. Rochester Electronics, LLC
|
VRE120MA VRE121CA VRE121M VRE121MA VRE122CA VRE122 |
Precision High Temperature Reference Supplies
|
http:// RHOPOINT[RHOPOINT COMPONENTS]
|
OP249GPZ OP249GSZ-REEL7 5962-9151901M2A |
Dual, Precision JFET High Speed Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 3600 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, PDIP8 Dual, Precision JFET High Speed Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 3600 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, PDSO8 Dual, Precision JFET High Speed Operational Amplifier; Package: LCC:CER LEADLESS CHIP CARR; No of Pins: 20; Temperature Range: Military DUAL OP-AMP, 500 uV OFFSET-MAX, 4.7 MHz BAND WIDTH, CQCC20
|
Analog Devices, Inc.
|
ZHT2431F02 ZHT2431C02 |
HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
|
Diodes Incorporated Zetex Semiconductors
|
TSIC-301 |
High-precision, fast response & Low-cost Temperature Sensor IC Analog 0-1 Volt High-precision, fast response & Low-cost Temperature Sensor IC Analog 0-1 Volt
|
Zentrum Mikroelektronik Dresden AG ZMD[Zentrum Mikroelektronik Dresden GmbH] N.A.
|
TSIC-306 |
High Precision, Rapid Response, Low Cost Temperature Sensor IC
|
Zentrum Mikroelektronik Dresden AG
|
MF51E3380 MF51E4300 MF51E3470 MF51E4150 MF51E4050 |
MF51E High Precision NTC Thermistors for Extremely Accurate Temperature Measurement
|
http:// List of Unclassifed Manufacturers ETC
|
PLTT0805Z1001QGT5 PLTT0805Z1001QGT1 PLTT0805Z1001Q |
Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
|
Vishay Siliconix
|