PART |
Description |
Maker |
PQ05RF12 PQ05RF13 PQ05RF13-SERIES PQ05RF12-SERIES |
1A Output Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
|
SHARP[Sharp Electrionic Components]
|
HGN-341-6M-F1-150 HGN-341-1M-F1-150 HGN-341-2M-F1- |
IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT 2A, 125/250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
PowerDynamics, Inc POWER DYNAMICS INC
|
ADM697 ADM696 ADM696AR ADM696AN |
Microprocessor Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP16 Microprocessor Supervisory Circuits 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO16 P Supervisor with Backup Battery Switchover, Adjustable Low Line Voltage Monitor, Adjustable Watchdog Timer, Low Line, Power Fail and Watchdog Status Outputs and 100mA Output Current P Supervisor with Chip Enable Signals, Adjustable Low Line Voltage Monitor, Adjustable Watchdog Timer, Low Line, Power Fail and Watchdog Status Outputs and 100mA Output Current
|
Analog Devices, Inc.
|
MXD1013 MXD1013PA MXD1013PD MXD1013SA MXD1013SE MX |
3-in-1 silicon delay line. Output delay 45ns. 3-in-1 silicon delay line. Output delay 30ns. 3-in-1 silicon delay line. Output delay 90ns. 3-in-1 silicon delay line. Output delay 12ns. 3-in-1 silicon delay line. Output delay 25ns. Silver Mica Capacitor; Capacitance:11pF; Capacitance Tolerance: 1pF; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:No RoHS Compliant: No 3-in-1 silicon delay line. Output delay 70ns. 3-in-1 silicon delay line. Output delay 75ns. 3-in-1 silicon delay line. Output delay 50ns. 3-in-1 silicon delay line. Output delay 20ns. 3-in-1 silicon delay line. Output delay 80ns. 3-in-1 silicon delay line. Output delay 15ns.
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
EC12 EC12.1101.002 EC12.1101.001 E.12.1201.001 E.1 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 16A; Terminal Type: Quick Connect Tabs; Appliance inlet with line switch; 2-pole and line filter; EMC-shield IEC Appliance Inlet C14 with Filter, Line Switch 2-pole
|
Schurter Inc.
|
L78MS05J L78MS05J-06 L78MS05JSMP |
5V Constant-Voltage Power Supply with Strobe Line
|
Sanyo Semicon Device
|
0442624334 44262-4334 |
9.14mm (.360) Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni) with Select Gold, 8 AWG 9.14mm (.360") Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni) with Select Gold, 8 AWG MOLEX Connector
|
Molex Electronics Ltd.
|
MP7651AN MP7651AS MP7651 |
8-Channel, Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Data Port and Chip Select Decoder
|
EXAR[Exar Corporation]
|
KK4019BDW KK4019BN KK4019B |
Quad AND/OR Select Gate High-Voltage Silicon-Gate CMOS
|
KODENSHI KOREA CORP.
|
74LCX157 74LCX157SJX 74LCX157M 74LCX157MTC 74LCX15 |
Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs LVC/LCX/Z SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDSO16 Low Voltage Hex Inverter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
45984-8923 |
EXTreme LPHPower Receptacle Header, Right Angle, 8 Power Contacts, Select Gold (Au) Plating
|
Molex Electronics Ltd.
|