PART |
Description |
Maker |
LHGAT |
Leaded Military Grade/High Shock
|
STATEK CORPORATION
|
T9 |
3/8 in Multiturn Fully Sealed Container, Military and Professional Grade
|
Vishay
|
RMK-18X20-A4 EC6504-000 RMK-25X100-A4 RMK-50X25-A4 |
TMS-SCE Military grade heat shrinkable wire identification sleeves
|
Tyco Electronics
|
RW70U RW78U RW74U RW79U 80SERIES RW69V RW67V RW68V |
Designed for precision power applications Military Grade 80 Series MIL-R-26 Qualified
|
Ohmite Mfg. Co.
|
CA239 LM2901 CA0239E CA0239M96 CA139 CA139A CA339 |
Quad Voltage Comparators for Industrial, Commercial and Military Applications QUAD COMPARATOR, 4000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO14 Quad Voltage Comparators for Industrial, Commercial and Military Applications QUAD COMPARATOR, 9000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO14 DIODE ZENER SINGLE 150mW 12Vz 20mA-Izt 0.05 1uA-Ir 9.1 SOT-523 3K/REEL Quad Voltage Comparators for Industrial/ Commercial and Military Applications Quad Voltage Comparators for Industrial / Commercial and Military Applications From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
CA3141 CA3141E |
High-Voltage Diode Array For Commercial, Industrial and Military Applications
|
Harris Corporation
|
10B-2001 |
Military-Grade 10BASE-T interface module Coaxial Cable; Coaxial RG/U Type:8; Impedance:52ohm; Conductor Size AWG:13; No. Strands x Strand Size:7 x 21; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes
|
Aeroflex Circuit Techno... AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc.
|
5962-8982501PA 5962-8982502PA |
High Precision 10 V Reference; Package: CERDIP GLASS SEAL; No of Pins: 8; Temperature Range: Military 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, CDIP8 High Precision 10 V Reference; Package: CerDIP; No of Pins: 8; Temperature Range: Military 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, CDIP8
|
Analog Devices, Inc.
|
C4532C0G3F101K160KA-16 |
Commercial Grade ( High Voltage (1000V and over) )
|
TDK Electronics
|
CGA7M1C0G3F680K200KA |
Automotive Grade ( High Voltage (1000V and over) )
|
TDK Electronics
|
CGJ3E2X7R2A152K080AA |
High Reliability Grade ( Mid Voltage (100 to 630V) )
|
TDK Electronics
|
CS65-B2GA221KAGKA CS70-B2GA331KAGKA CS85-B2GA681KA |
High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
|
TDK Electronics
|