PART |
Description |
Maker |
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74VHC541 74VHC541M 74VHC541T 6534 |
From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED Dual 2-Line To 4-Line Decoders/Demultiplexers 16-TSSOP -40 to 85
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
M74HC241HV M74HC241HVB1R M74HC241HVC1R M74HC241HVF |
Octal Bus Buffer with 3 State Outputs(涓??杈??????荤嚎缂???????)) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC240HV: INVERTED - HC241HV NON INVERTED
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] http://
|
M27C800 M27C800-120F1TR M27C800-120F6TR 27C800 M27 |
512K X 16 OTPROM, 120 ns, PDSO44 512K X 16 OTPROM, 50 ns, PQCC44 Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 16-Bit Bus Transceiver and Transparent D-Type Latch with 8 Independent Buffers 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 32-Bit Buffer/Driver With 3-State Outputs 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 8 MBIT (1MB X8 OR 512KB X16) UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MC74VHC541-D MC74VHC541DT MC74VHC541MEL MC74VHC541 |
Octal Bus Buffer Octal 3-State Noninverting/BF L/DR/L/R
|
ON Semiconductor
|
TC74VHCT240AF TC74VHCT240AFT TC74VHCT240AFW TC74VH |
OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS 八路总线缓冲器倒立/非倒排,三态输 OCTAL BUS BUFFER INVERTED/NON-INVERTED/ 3-STATE OUTPUTS
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
74LCX240 74LCX24004 74LCX240MTR 74LCX240TTR |
LOW VOLTAGE CMOS OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|
MC74VHC244DWR2G MC74VHC244DTG MC74VHC244DTR2G |
Octal Bus Buffer
|
ON Semiconductor
|
TC7MH240FK07 TC7MH240FK TC7MH244FK |
Octal Bus Buffer
|
Toshiba Semiconductor
|
TC74VHCT540AF07 TC74VHCT541AFK TC74VHCT540AFK |
Octal Bus Buffer
|
Toshiba Semiconductor
|
TC74VHC240F07 TC74VHC240FK TC74VHC244FK |
Octal Bus Buffer 八路总线缓冲
|
Toshiba Semiconductor
|
MC74VHCT540A-D |
Octal Bus Buffer Inverting
|
ON Semiconductor
|