PART |
Description |
Maker |
DG12864 DG-12864 |
128 X 64 DOTS 1/64 DUTY STN REFLECTIVE / EL/ LED BACKLIGHT 128 X 64 DOTS 1/64 DUTY STN REFLECTIVE / EL/ LED BACKLIGHT 128 × 64 DOTS / 64税超扭曲反射/星期 LED背光
|
List of Unclassifed Manufacturers Unknow ETC[ETC] Electronic Theatre Controls, Inc.
|
HDM6448-6 |
640 X 480 Dots Graphic Small Size CCFL Backlight
|
List of Unclassifed Manufacturers ETC
|
SF3B41 S2008R12V S2008N12V S2008K12V S2008W12V S20 |
200 V, 6 A sensitive triac 200 V, 16 A alternistor triac 800 V, 6 A triac 200 V, 8 A alternistor triac 400 V, 25 A triac 400 V, 10 A triac Thyristor Product Catalog Cross Reference Data to Teccor Part Numbers (See datasheet appendix) 600 V, 10 A triac 200 V, 10 A alternistor triac 800 V, 4 A triac 400 V, 16 A alternistor triac
|
Teccor Electronics, Inc.
|
LM8V311 |
DEVlCESPECIFICATIONfoor for Passive Matrix Color LCD Module (640 X 480 dots)
|
SHARP[Sharp Electrionic Components]
|
SFS2326 SFS2328 SFS2329 |
1.6 AMPS 200 - 400 VOLTS SILICON CONTROLLED RECTIFIER 1.6 A, 200 V, SCR, TO-5
|
Solid State Devices, Inc. SOLID STATE DEVICES INC
|
M222 MDS-222PIN |
Surface Mount Double-Balance Mixer, 200 KHz - 200 MHz
|
MACOM[Tyco Electronics]
|
BR-301AY |
BR-301AY 3PST N.O., 200 Amps, 115/200 VAC, 400 Hz
|
Tyco Electronics
|
SPD4947SM |
1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
|
Solid States Devices, I...
|
CMR1-02M CMR1-10M CMR1-04M CMR1-06M |
GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS 1 A, 200 V, SILICON, SIGNAL DIODE
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CMF8.0A CMF9.0A CMF7.0A CMF8.5A CMF6.0A CMF7.5A CM |
UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS 200 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
SC202 SC202H100A5 SC202SXXXA5 |
Schottky Die 200 x 200 Mils
|
International Rectifier
|
1680A 1680AD 1681A 1681AD 1682A 1682AD 1683A 1683A |
1680A Standalone Logic Analyzer with 800 MHz Timing/200 MHz State, 136 Channels, 1M Memory 1680AD Standalone Logic Analyzer with 800 MHz Timing/200 MHz State, 136 Channels, 4M Memory 1681A Standalone Logic Analyzer with 800 MHz Timing/200 MHz State, 102 Channels, 1M Memory 1681AD Standalone Logic Analyzer with 800 MHz Timing/200 MHz State, 102 Channels, 4M Memory 1682A Standalone Logic Analyzer with 800 MHz Timing/200 MHz State, 68 Channels, 1M Memory 1682AD Standalone Logic Analyzer with 800 MHz Timing/200 MHz State, 68 Channels, 4M Memory 1683A Standalone Logic Analyzer with 800 MHz Timing/200 MHz State, 34 Channels, 1M Memory 1683AD Standalone Logic Analyzer with 800 MHz Timing/200 MHz State, 34 Channels, 4M Memory 1690A PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State, 136 Channels, 1M Memory 1690AD PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State, 136 Channels, 4M Memory 1691A PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State, 102 Channels, 1M Memory 1691AD PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State, 102 Channels, 4M Memory 1692A PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State, 68 Channels, 1M Memory 1692AD PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State, 68 Channels, 4M Memory 1693A PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State, 34 Channels, 1M Memory 1693AD PC-Hosted Logic Analyzer with 800 MHz Timing/200 MHz State, 34 Channels, 4M Memory
|
Agilent (Hewlett-Packard)
|
|