PART |
Description |
Maker |
GPLB30B-NNNV-C |
640 Dots LCD Controller with 48KB ROM
|
Generalplus Technology ...
|
LM8V311 |
DEVlCESPECIFICATIONfoor for Passive Matrix Color LCD Module (640 X 480 dots)
|
Sharp Corporation
|
AR-09664C |
96(RGB) x 64 dots 1/64 Duty
|
List of Unclassifed Manufacturers N/A
|
AGM6448Y-MC-FBD-T AGM6448Y-MC-FBS-T AGM6448Y-MC-FT |
0.3-6.5V; number of dots: 640 x 480dots; dot size:0.053 x 0.21mm; dot pitch:0.078 x 0.235mm; AZ display
|
AZ Displays
|
AGM6448Z-NC-GBD-T AGM6448Z-MC-GBD-T |
0.3-7.0V; number of dots: 640 x 480dots; dot size:0.064 x 0.222mm; dot pitch:0.079 x 0.237mm; AZ display
|
AZ Displays
|
AGM6420A AGM6420A-FBS-T AGM6420A-FBD-T AGM6420A-FT |
0.3-6.5V; number of dots: 640 x 200dots; dot size:0.24 x 0.30mm; dot pitch:0.27 x 0.33mm; AZ display LCD MODULE
|
AZDISPLAYS[AZ Displays]
|
AGM6448F AGM6448F-FC-FBH-T AGM6448F-FC-FBW-T |
0.0-6.0V; number of dots: 640 x 480dots; dot size:0.17 x 0.17mm; dot pitch:0.19 x 0.19mm; AZ display 640 x 480 pixel format CFL Backlight with power harness 6 inch Display Size Fine dot pitch of 0.19 mm 640 x 480 pixel format, CFL Backlight with power harness, 6 inch Display Size, Fine dot pitch of 0.19 mm
|
AZDISPLAYS[AZ Displays]
|
A29L320UG-90U A29L320UV-90U A29L320UV-90UF A29L320 |
240 x 128 pixel format, LED or EL Backlight 4米8 2米16位CMOS 3.3伏只,引导扇区闪 4M X 8 Bit / 2M X 16 Bit CMOS 3.3 Volt-only, Boot Sector Flash Memory 4米8 2米16位CMOS 3.3伏只,引导扇区闪 640 x 200 pixel format, TAB configuration, 2.8mm total thickness 4米8 2米16位CMOS 3.3伏只,引导扇区闪 ADAPTER DC/AC CURRENT CLAMP 4米8 2米16位CMOS 3.3伏只,引导扇区闪 480 x 320 pixel format, White LED Backlight 4米8 2米16位CMOS 3.3伏只,引导扇区闪 Lucasey Mounting Systems Mobile Equipment Carts, Platform Dimensions: (W x D) 24 x 18 , Load Capacity: 120 lbs, Finish: Black, Material: Welded Steel, Features: 4 heavy duty casters with locking brakes CARRYING CASE FOR HV-44 PROBE CRT UNIVERSAL TESTER ADAPTOR Color HVGA display (640 x 240 pixels), CCFT Backlight with power harness ADAPTORS FOR MODELS #490 AND 480, MANUFACTURER NUMBER: CR3 ACCESSORY POUCH FOR B&K PRECISION 1420/1422 SERIES TEST INSTRUMENTS RoHS Compliant: NA ADAPTER 20PIN PAL FOR BK842/843 MODULE FOR PIC BK846/847 640 x 480 pixel format, CCFL Backlight
|
http:// AMIC Technology, Corp. AMIC Technology Corporation
|
SG320240L |
LCD MODULE (320 DOTS X 240 DOTS )
|
ETC
|
SG320240D |
SG320240D (320 DOTS X 240 DOTS)
|
List of Unclassifed Manufacturers ETC
|
AH-501-C AH-301 AH-302 |
Heavy-duty, industrial quality, continuous duty heat blower
|
List of Unclassifed Man...
|