PART |
Description |
Maker |
U436-06N-G-C |
USB 3.1 Gen 1 USB-C to Gigabit Ethernet NIC Network Adapter with USB-C Charging Port, 10/100/1000 Mbps, White
|
Tripp Lite. All Rights ...
|
STR912FAW44H6T STR912FAW44X6T STR910FAZ34H6T STR91 |
ARM966E-S垄芒 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E-S?/a> 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E-S?16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E-S?16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
|
STMicroelectronics
|
LAN9512-JZX LAN9512 LAN9512I LAN9512I-JZX |
USB 2.0 Hub and 10/100 Ethernet Controller
|
SMSC Corporation
|
KL5KUSB122 |
USB mini Host to 10/100 ethernet
|
Kawasaki LSI
|
AX88178 |
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
|
ASIX[ASIX Electronics Corporation]
|
DM9601E DM9601 |
USB Ethernet MAC Controller with Intergrated 10/100 PHY
|
ETC[ETC]
|
STR91XFA STR910FAM32X6 STR912FAW34X6 STR912FAW42X6 |
ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA ARM966E-S?/a> 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
|
STMicroelectronics
|
U236000GBW |
USB 2.0 Hi-Speed to Gigabit Ethernet NIC Network Adapter, 10-100-1000 Mbps, White
|
Tripp Lite. All Rights Rese...
|
LPC4357FET256 LPC4357JET256 LPC4357JBD208 |
Dual-core Cortex-M4/M0, 1 MB Flash, 136 kB SRAM, 2 HS USB with on-chip PHY, Ethernet, LCD, CAN, AES, SPIFI, SGPIO, SCT 32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
|
NXP Semiconductors
|
AT76C510 |
LAN with other wireless LANs (WLAN) and legacy LANs. VNET-B based bridges act as access points (AP) to the WLAN and communicate packets Ethernet to Wireless Bridge-on-a-Chip The AT76C510 is a highly integrated WLAN plus Internetworking device based on two ARM7TDMI?RISC processors, a 10/100 Ethernet MAC, USB, integrated 2 x 6K x 32-bit SRAM, 3.3V operation, 128- pin PQFP or TQFP package.
|
ATMEL Corporation
|
LXT975A LXT974 LXT975BHC |
DATACOM, ETHERNET TRANSCEIVER, PQFP160 Fast Ethernet 10/100 Quad Transceivers
|
CORTINA SYSTEMS INC Intel Corp.
|
|