PART |
Description |
Maker |
IXTM6N90 IXTH6N90 IXTH6N90A IXTM6N90A IZTH6N90 |
Discrete MOSFETs: Standard N-channel Types Standard Power MOSFET 标准功率MOSFET
|
IXYS[IXYS Corporation] IXYS, Corp.
|
IXTQ62N15P |
Discrete MOSFETs: Standard N-channel Types
|
IXYS
|
IXTX24N100 |
Discrete MOSFETs: Standard N-channel Types
|
IXYS
|
IXTA2N80 IXTP2N80 |
Discrete MOSFETs: Standard N-channel Types
|
IXYS
|
IXTV26N50PS IXTQ26N50PS |
Discrete MOSFETs: Standard N-channel Types
|
IXYS
|
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
IXTN21N100 IXTK21N100 |
Discrete MOSFETs: Standard N-channel Types High Voltage MegaMOSTMFETs
|
IXYS[IXYS Corporation]
|
IXTH88N15 IXTT88N15 |
Discrete MOSFETs: Standard N-channel Types HIGH CURRENT POWER MOSFET
|
IXYS Corporation
|
IXTA75N10P IXTP75N10P IXTQ75N10P |
Discrete MOSFETs: Standard N-channel Types N-Channel Enhancement Mode
|
IXYS[IXYS Corporation]
|
IXTH14N100 |
Discrete MOSFETs: Standard N-channel Types MegaMOSTMFET 14 A, 1000 V, 0.82 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD
|
IXYS[IXYS Corporation] IXYS, Corp.
|
IXTQ82N25P IXTK82N25P IXTT82N25P |
PolarHT Power MOSFET Discrete MOSFETs: Standard N-channel Types
|
IXYS[IXYS Corporation]
|
IXFH75N10Q IXFT75N10Q |
Discrete MOSFETs: HiPerFET Power MOSFETS HIPER FET POWER MOSFETS Q CLASS
|
IXYS[IXYS Corporation] ETC
|