PART |
Description |
Maker |
LED1200-35M32 |
Stem type LED with high output powe
|
List of Unclassifed Manufacturers
|
BUP302 Q67078-A4205-A2 |
IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free Avalanche rated) From old datasheet system High Speed CMOS Logic Dual Decade Ripple Counters 16-PDIP -55 to 125 IGBT的(低正向压降高开关速度低尾电流的无闩锁雪崩额定
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BUP410D Q67040-A4425-A2 |
IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free Including fast free-wheel diode) High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-TSSOP -55 to 125
|
Siemens Semiconductor Group SIEMENS AG
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
IDT70914S25PI IDT70914S25PB IDT70914S25P 70914_DS_ |
Low-Noise JFET-Input Operational Amplifier 14-PDIP 0 to 70 高6KK的9)同步双端口RAM High Speed Low-Noise JFET-Input Quad Operational Amplifier 14-CFP -55 to 125 4K X 9 DUAL-PORT SRAM, 25 ns, PQCC68 High Speed Low-Noise JFET-Input Quad Operational Amplifier 14-CDIP -55 to 125 4K X 9 MULTI-PORT SRAM, 25 ns, PQCC68 High Speed Low-Noise JFET-Input Quad Operational Amplifier 20-LCCC -55 to 125 HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM From old datasheet system
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
24LC64-E/ST 24LC64-E/SN 24LC64-I/MS 24AA64-I/MS 24 |
High-Speed/Low-Power Microcontrollers SERIAL EEPROM|8KX8|CMOS|TSSOP|8PIN|PLASTIC 串行EEPROM的| 8KX8 |的CMOS | TSSOP封装| 8引脚|塑料 High-Speed Microcontroller
|
Microchip Technology, Inc.
|
AD8091 AD8092 AD8092ARM AD8091ART-REEL AD8091ART-R |
Low Cost , High-Speed Rail-to-Rail Amplifiers Enhanced 10-Bit, ADC with Flash Memory From old datasheet system Low-Cost, High-Speed Rail-to-Rail Amplifiers DUAL OP-AMP, 27000 uV OFFSET-MAX, PDSO8
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
GM194A |
N P N S I L I C O N P L AN A R M E D I UM POWE R T R A N S I S T O R
|
E-Tech Electronics LTD
|
USB-8472 NIUSB-8472 NIUSB-8472S NIUSB-8473 NIUSB-8 |
1-port interfaces for high-speed CAN,low-speed/fault-tolerant CAN, and LIN
|
http://
|