PART |
Description |
Maker |
P80C51 P80C51FA-4A P80C51FA-4B P80C51FA-4N P80C51F |
8-bit CMOS (low voltage, low power and high speed) microcontroller families 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
AD8684ARUZ-REEL AD8682-15 AD8682 |
Dual Low Power, High Speed JFET Operational Amplifier Dual/Quad Low Power, High Speed Quad Low Power, High Speed JFET Operational Amplifiers; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 4000 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|
KM684000 KIM684000L-8L KIM684000-10 KIM684000-5 KI |
512Kx8 bit CMOS static RAM, 85ns, low power 512Kx8 bit CMOS static RAM, 100ns, low power 524/ 288 WORD x 8 BIT HIGH SPEED CMOS STATIC RAM PT 16C 16#16 PIN PLUG 524, 288 WORD x 8 BIT HIGH SPEED CMOS STATIC RAM 52488字8位高速CMOS静态RAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
AD7572TQ12 AD7572KP05 AD7572KP12 AD7572KN12 AD7572 |
RELAY REED MINI SIP SPDT-CO 5V LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24 Analog to Digital Converter 模数转换 MOSFET Diode-OR Controller; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 12-Bit, 200kSPS Micro Power Sampling Analog-To-Digital Converter 8-SOIC -40 to 85 Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 6; Temperature Range: 0°C to 70°C LC2MOS COMPLETE/ HIGH SPEED 12-BIT ADC LC2MOS COMPLETE HIGH SPEED 12-BIT ADC LC2MOS Complete, High Speed 12-Bit ADC LC<SUP>2</SUP>MOS Complete, High Speed 12-Bit ADC
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
IDTQS3L383Q |
QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH 3L SERIES, 10-BIT EXCHANGER, TRUE OUTPUT, PDSO24
|
Integrated Device Technology, Inc.
|
TDA8763A TDA8763AM/3/C4 TDA8763AM/4/C4 TDA8763AM/5 |
TDA8763A; 10-bit high-speed low-power ADC
|
Philips
|
AN8122FAP |
High Speed Low Power Consumption 8-Bit A/D Converter
|
Panasonic
|
AN8140K |
High-speed Low Power Consumption 10-bit D/A Converter
|
PANASONIC[Panasonic Semiconductor]
|
P87C51 |
80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V-5.5 V), low power, high speed (33 MHz), 128/256 B RAM
|
Philips
|
TDA8762 TDA8762M TDA8762M_4 TDA8762M/4 |
10-bit high-speed low-power analog-to-digital converter
|
PHILIPS[Philips Semiconductors]
|
EM78P447 EM78P447S EM78P447SA EM78P447SB |
8-bit microprocessor with low-power and high-speed CMOS technology
|
ELAN Microelectronics Corp
|
AN8135 |
High Speed Low Power Consumption Bipolar 10-Bit A/D Convertor
|
Panasonic
|