PART |
Description |
Maker |
FDA20N50 FDA20N50F109 |
N-Channel UniFET-TM MOSFET 500V, 20A, 230mOhms N-Channel UniFETTM MOSFET 500V, 22A, 230m
|
Fairchild Semiconductor
|
FQI12N50 FQB12N50 FQB12N50TMAM002 |
500V N-Channel MOSFET 12.1 A, 500 V, 0.49 ohm, N-CHANNEL, Si, POWER, MOSFET 500V N-Channel QFET
|
http:// FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRF450 JANTXV2N6770 JANTX2N6770 IRF450PBF |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.400ohm, Id=12A) HEXFET? TRANSISTOR TRANSISTORS N-CHANNEL(Vdss=500V/ Rds(on)=0.400ohm/ Id=12A) 12 A, 500 V, 0.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AA
|
IRF[International Rectifier]
|
JANTX2N6762 JANTXV2N6762 |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A)
|
IRF[International Rectifier]
|
FAP-450 |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 14A I(D) | TO-247VAR 晶体管| MOSFET的| N沟道| 500V五(巴西)直|4A条(丁)|47VAR N-channel MOS-FET(500V, 0,38Ω, 14A, 190W) N-channel MOS-FET(500V, 0,38楼?, 14A, 190W)
|
TOKO, Inc. Fuji Electric
|
FQP13N50C FQPF13N50C |
500V N-Channel Advance Q-FET C-Series 500V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQP9N50C FQPF9N50C FQPF9N50CT |
500V N-Channel MOSFET 500V N-Channel Advance Q-FET C-Series
|
FAIRCHILD[Fairchild Semiconductor]
|
FQU5N50C FQD5N50C FQD5N50CTM FQD5N50CTF |
500V N-Channel Advance QFET C-Series 500V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFI830G IRFI830GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=3.1A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 1.5ohm,身份证\u003d 3.1A
|
IRF[International Rectifier] International Rectifier, Corp.
|
FQU4N5009 FQU4N50TU FQD4N50-09 |
500V N-Channel MOSFET 100% avalanche tested, RoHS Compliant 500V N-Channel MOSFET
|
Fairchild Semiconductor List of Unclassifed Man...
|