PART |
Description |
Maker |
AD5623RARMZ-5REEL7 |
Dual 12-/14-/16-Bit nanoDAC
|
Analog Devices
|
AD5045 AD5045BRUZ AD5045BRUZ-REEL7 AD502508 AD5025 |
SERIAL INPUT LOADING, 10.7 us SETTLING TIME, 16-BIT DAC, PDSO14 Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
|
ANALOG DEVICES INC
|
AD5620 |
(AD56x0) 12-/14-/16-Bit nanoDAC
|
Analog Devices
|
EVAL-AD5680EB |
5 V 18-Bit nanoDAC in a SOT-23
|
Analog Devices, Inc.
|
AD5512A AD5542A |
(AD5512A - AD5542A) 16-/12-Bit NanoDAC
|
Analog Devices
|
AD5601AD5611AD5621 |
2.7 V to 5.5 V, <100 μA, 12-Bit nanoDAC? D/A Converter, tiny SC70 Package 2.7 V to 5.5 V, <100 μA, 12-Bit nanoDAC D/A Converter, tiny SC70 Package
|
adi
|
AD5696R AD5695R |
Quad, 16-Bit nanoDAC with 2 ppm/°C On-Chip Reference and I2C Interface Quad, 14-Bit nanoDAC with 2 ppm/°C On-Chip Reference and I2C Interface
|
Analog Devices
|
EVAL-AD5620EB-U1 EVAL-AD5640EB-U1 |
3 V/5 V, 12-Bit nanoDAC™ Converter with 10 ppm/°C Max On-Chip Reference in Sot-23 3 V/5 V, 14-Bit nanoDAC™ Converter with 10 ppm/°C Max On-Chip Reference in Sot-23
|
Analog Devices
|
AD5641BKSZ-500RL7 |
2.7 V to 5.5 V, <100 µA, 14-Bit nanoDAC, SPI Interface in SC70 Package; Package: SC70; No of Pins: 6; Temperature Range: Industrial SERIAL INPUT LOADING, 6 us SETTLING TIME, 14-BIT DAC, PDSO6
|
Analog Devices, Inc.
|
|