PART |
Description |
Maker |
74AUP1G17GN 74AUP1G17GS 74AUP1G17GW 74AUP1G17GX |
Low-power Schmitt trigger
|
NXP Semiconductors
|
74AUP1G132GW |
Low-power 2-input NAND Schmitt trigger
|
Nexperia
|
U3525-S16-T U3525-S16-R U3525-D16-T U74AHC1G00L-AF |
SINGLE SCHMITT-TRIGGER BUFFER SINGLE SCHMITT-TRIGGER INVERTER QUADRUPLE 2-INPUT POSITIVE-OR GATES 2-INPUT OR GATE 2-INPUT NOR GATE HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER QUADRUPLE 2-INPUT POSITIVE-NAND GATES 2-INPUT EXCLUSIVE-OR GATE SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT BILATERAL SWITCH 2-INPUT AND GATE 2-INPUT NAND GATE REGULATING PWM IC
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
74LVQ14SC 74LVQ14SJ |
Low Voltage Hex Inverter with Schmitt Trigger Input
|
Fairchild Semiconductor
|
KBPC1006 KBPC10 KBPC15005 KBPC35005 KBPC3504 KBPC3 |
Automotive Catalog Advanced LinCMOS Rail-to-Rail Very Low-Power Operational Amplifier 14-SOIC -40 to 125 Dual Advanced LinCMOS(TM) Rail-To-Rail Operational Amplifier 8-SOIC 0 to 70 Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs 14-TVSOP -40 to 85 单相硅桥 Quadruple 2-Input Positive-NOR Gates 14-PDIP -40 to 85 Hex Schmitt-Trigger Inverters 14-SSOP -40 to 85 Hex Inverters 14-SOIC -40 to 85 SINGLE-PHASE SILICON BRIDGE
|
Semtech, Corp. GOOD-ARK[GOOD-ARK Electronics]
|
74LCX14 74LCX14M 74LCX14MTC 74LCX14SJ |
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
|
Fairchild Semiconductor
|
NC7WP14P6X NC7WP14 NC7WP14L6X |
TinyLogic ULP Inverter with Schmitt Trigger Inputs TinyLogic ULP Dual Inverter with Schmitt Trigger Inputs RECTIFIER BRIDGE 1.5A 50V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE P SERIES, DUAL 1-INPUT INVERT GATE, PDSO6
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
NL37WZ17US NL37WZ17 |
Triple Non Inverting Schmitt Trigger Buffer Triple Noninverting Schmitt-Trigger Buffer
|
ONSEMI[ON Semiconductor]
|
5962F9862501V9A 5962F9862501VCC 5962F9862501VXC AC |
Radiation Hardened Quad 2-Input NAND
Schmitt Trigger(抗辐射四2输入与非门施密特触发 Quadruple Bus Buffer Gate With 3-State Outputs 14-SO 0 to 70 Radiation Hardened Quad 2-Input NAND Schmitt Trigger
|
Intersil Corporation
|
KIC7S14FU |
Schmitt Trigger Inverter SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT (SCHMITT INVERTER)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
AT49F1614T-70CC AT49F1604T-70UC AT49F1604T-70UI AT |
10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-PDIP -40 to 85 Automotive Catalog Dual Positive-Edge-Triggered D-Type Flip-Flop 14-TSSOP -40 to 125 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-SOIC -40 to 85 Automotive Catalog Dual Positive-Edge-Triggered D-Type Flip-Flop 14-SOIC -40 to 125 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-TSSOP -40 to 85 2M X 8 FLASH 5V PROM, 70 ns, PDSO48 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-TVSOP -40 to 85 2M X 8 FLASH 5V PROM, 70 ns, PBGA48 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-TSSOP -40 to 85 1M X 16 FLASH 5V PROM, 90 ns, PDSO48 16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory 2M X 8 FLASH 5V PROM, 70 ns, PBGA48
|
Atmel Corp. Atmel, Corp.
|
MC74AC132 MC74AC132D MC74AC132N MC74ACT132N MC74AC |
Quad 2 Input NAND Schmitt Trigger From old datasheet system QUAD 2-INPUT NAND SCHMITT TRIGGER
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] Motorola, Inc
|