PART |
Description |
Maker |
WF2M16W-150Q5 WF2M16W-90Q5 WF2M16W-90Q5A WF2M16W-9 |
2Mx16 Flash MODULE, SMD 5962-97610
|
http:// WEDC[White Electronic Designs Corporation]
|
WF128K32-XXX5 WF128K32N-120G2UI5A WF128K32N-150G2U |
128KX32 5V FLASH MODULE, SMD 5962-94716
|
White Electronic Designs Corporation http://
|
WSF512K16-72H2IA WSF512K16-72H2M WSF512K16-72H2MA |
512KX16 SRAM/FLASH MODULE, SMD 5962-96901
|
WEDC[White Electronic Designs Corporation]
|
WMF128K8-120DEM5 WMF128K8-120FEM5 WMF128K8-120FFC5 |
150ns; 5V power supply; 128K x 8 monolitihic flash, SMD 5962-96690 120ns; 5V power supply; 128K x 8 monolitihic flash, SMD 5962-96690 EEPROM EEPROM EEPROM|FLASH|128KX8|CMOS|DIP|32PIN|CERAMIC 的EEPROM | FLASH动画| 128KX8 |的CMOS |双酯| 32脚|陶瓷 EEPROM|FLASH|128KX8|CMOS|LLCC|32PIN|CERAMIC 的EEPROM | FLASH动画| 128KX8 |的CMOS | LLCC | 32脚|陶瓷 EEPROM|FLASH|128KX8|CMOS|FP|32PIN|CERAMIC 的EEPROM | FLASH动画| 128KX8 |的CMOS |计划生育| 32脚|陶瓷 EEPROM|FLASH|128KX8|CMOS|SOJ|32PIN|CERAMIC 的EEPROM | FLASH动画| 128KX8 |的CMOS | SOJ | 32脚|陶瓷 EEPROM|FLASH|128KX8|CMOS|SOP|32PIN|CERAMIC 60ns; 5V power supply; 128K x 8 monolitihic flash, SMD 5962-96690 70ns; 5V power supply; 128K x 8 monolitihic flash, SMD 5962-96690 90ns; 5V power supply; 128K x 8 monolitihic flash, SMD 5962-96690
|
White Electronic Designs Mosel Vitelic, Corp. International Rectifier, Corp. TE Connectivity, Ltd. KODENSHI, CORP. Microchip Technology, Inc. Century Container
|
WMS512K8L-100DEIE WMS512K8L-100DEIEA WMS512K8L-120 |
100ns; 512K x 8 monolithic SRAM, SMD 5962-95613 120ns; 512K x 8 monolithic SRAM, SMD 5962-95613 70ns; 512K x 8 monolithic SRAM, SMD 5962-95613 85ns; 512K x 8 monolithic SRAM, SMD 5962-95613
|
White Electronic Designs
|
WF512K32N-90H1M5A WF512K32 WF512K32F-120G1UC5 WF51 |
REED RELAY, 4PST, HG WET, 12V, DIODE RoHS Compliant: No 512Kx32 5V FLASH MODULE, SMD 5962-94612 512Kx32 5V的闪存盘,贴962-94612 RES 3K-OHM 5% 0.75W 250PPM THK-FILM SMD-2010 TR-7-PA 512Kx32 5V的闪存盘,贴962-94612 Reed Relay; Contacts:SPST; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carry Current:1A; Coil Voltage DC Max:5V; Relay Terminals:DIP-14; Relay Mounting:PC Board; Contact Carrying Power:10W Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Dry Reed Relay; Contacts:DPST-2NO; Contact Carry Current:1A; Coil Voltage DC Max:5V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes x32 Flash EEPROM Module 100ns; 5V power supply; 512K x 32 flash module, SMD 5962-94612
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers ETC[ETC] White Electronic Designs
|
EDI88512CA_LPA-B32 EDI88512CA_LPA-C EDI88512CA_LPA |
20ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 17ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 35ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 45ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 25ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 15ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600 512Kx8 Monolithic SRAM SMD 5962-95600 512Kx8 Monolithic SRAM, SMD 5962-95600 SRAM
60MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 12MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R NTC Thermistor; Series:PANR; Thermistor Type:NTC; Resistance:1kohm; Beta:3500; Package/Case:Radial; Leaded Process Compatible:Yes; Mounting Type:Through Hole; R/T Curve:M; Terminal Type:Radial Leaded RoHS Compliant: Yes 12MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 静态存储器 60MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 静态存储器 12MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-MSOP 静态存储器 55ns; 5V power supply; 512K x 8 monolithic SRAM, SMD 5962-95600
|
White Electronic Designs ETC[ETC] Electronic Theatre Controls, Inc.
|
WS512K32-70 WS512K32-85 WS512K32-100 WS512K32F-85H |
85ns; 5V power supply; 512K x 32 SRAM module, SMD 5962-94611 512Kx32 SRAM Module(512Kx32???RAM妯″?锛???????0ns锛? 512Kx32 SRAM Module(512Kx32???RAM妯″?锛???????00ns锛? 512Kx32 SRAM Module(512Kx32静态RAM模块(存取时5ns 512Kx32 SRAM Module(512Kx32静态RAM模块(存取时0ns
|
White Electronic Designs Corporation
|
KM23V32005BT KM23V32005BET |
32M-Bit (4Mx8 /2Mx16) CMOS Mask ROM(32M4Mx8 /2Mx16) CMOS掩膜ROM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
5962-0623601QPC 5962-0623602QPC |
(5962-0623601QPC / 5962-0623602QPC) 670MHz Low Noise Amplifiers
|
Intersil Corporation
|
DA28F320 |
IC,EEPROM,NOR FLASH,2MX16/4MX8,CMOS,SOP,56PIN,PLASTIC
|
intel
|