PART |
Description |
Maker |
WED2ZLRSP01S42BC WED2ZLRSP01S50BI WED2ZLRSP01S38BC |
512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
|
WEDC[White Electronic Designs Corporation]
|
CY7C1366B-200BGI CY7C1366B-200BGC CY7C1366B-225BGI |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PQFP100 CONNECTOR ACCESSORY 512K X 18 CACHE SRAM, 3 ns, PQFP100 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA119 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 256K X 36 CACHE SRAM, 2.8 ns, PBGA165 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 9 - MB的(256 × 36/512K × 18)流水线双氰胺同步静态存储器
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
CY7C1356BV25-225 CY7C1354BV25-166 CY7C1354BV25-225 |
256K X 36 ZBT SRAM, 3.2 ns, PBGA119 256K x 36/512K x 18 Pipelined SRAM with NoBLArchitecture 256 × 36/512K × 18流水线的SRAM架构的总线延迟 256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
|
Cypress Semiconductor Corp. Crystek, Corp.
|
IDT71V65603 IDT71V65803S150PFI IDT71V65803S150BQI |
256K x 36/ 512K x 18 3.3V Synchronous ZBT SRAMs 256K x 36, 512K x 18 3.3V Synchronous ZBT? SRAMs ZBT? Feature 3.3V I/O, Burst Counter Pipelined Outputs 256K x 36 512K x 18 3.3V Synchronous ZBT SRAMs From old datasheet system 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
|
IDT[Integrated Device Technology]
|
IS61NP25632 IS61NP25636 IS61NP51218 IS61NP25632-5T |
256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 4.2 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 5 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 4.2 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 5 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 5 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 36 ZBT SRAM, 4.2 ns, PQFP100 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 256K X 36 ZBT SRAM, 5 ns, PQFP100 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 256K X 36 ZBT SRAM, 5 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 36 ZBT SRAM, 4.2 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 5 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 4.2 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 4.2 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K × 3256K × 36和管道为512k × 18编号WAIT状态总线的SRAM
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
AT49BV4096A AT49BV4096A-12RC AT49BV4096A-12RI AT49 |
LM4250 Programmable Operational Amplifier; Package: SOIC NARROW; No of Pins: 8 256K X 16 FLASH 2.7V PROM, 120 ns, PDSO40 LM4308 Mobile Pixel Link Two (MPL-2) - 18-bit CPU Display Interface Master/Slave; Package: MICRO-ARRAY; No of Pins: 49 256K X 16 FLASH 2.7V PROM, 120 ns, PDSO40 4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory 256K X 16 FLASH 2.7V PROM, 120 ns, PDSO48
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
IDT71V65803S133BG IDT71V65803S100BQ IDT71V65803S10 |
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 256K X 36 ZBT SRAM, 3.8 ns, PQFP100 256K x 36/ 512K x 18 3.3V Synchronous ZBT SRAMs RECTIFIER FAST-RECOVERY SINGLE 1A 100V 30A-ifsm 1V-vf 50ns 5uA-ir DO-41 1K/BULK
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
GS881E18BD-200IV GS881E36BGT-200V |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 512K X 18 CACHE SRAM, 6.5 ns, PBGA165 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 6.5 ns, PQFP100
|
GSI Technology, Inc.
|
IDT71V65602S-100BQI IDT71V65802S-100BQI IDT71V6580 |
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K × 3612K采样× 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 36 ZBT SRAM, 4.2 ns, PBGA165 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 512K X 18 ZBT SRAM, 4.2 ns, PBGA119 3.3V 256K X 36 ZBT Synchronous 2.5V I/O PipeLined SRAM 3.3V 512K x 18 ZBT Synchronous 2.5V I/O PipeLined SRAM
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
E28F004BL-T150 E28F004BL-B150 E28F400BL-T150 PA28F |
4-MBlT (256K x 16/ 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Series 320 tactile switch with multiple color and cap options FireWire Current Limiter and Low-Drop ORing Switch Controller 4 MBlT56K × 16。为512k × 8)低功耗启动块闪存系列 4-MBlT (256K x 16. 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 4 MBlT56K × 16。为512k × 8)低功耗启动块闪存系列 4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 12V PROM, 150 ns, PDSO40 4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 12V PROM, 150 ns, PDSO56
|
Intel Corporation Intel Corp. Rochester Electronics, LLC Intel, Corp. Sharp, Corp.
|
GVT71512ZC18-5I GVT71512ZC18-6I CY7C1356A-133ACI C |
256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture 512K X 18 ZBT SRAM, 3.6 ns, PQFP100 256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture 512K X 18 ZBT SRAM, 3.6 ns, PBGA119 256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 5 ns, PQFP100 256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture 512K X 18 ZBT SRAM, 5 ns, PBGA119 256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture 512K X 18 ZBT SRAM, 5 ns, PQFP100 256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture 512K X 18 ZBT SRAM, 3.2 ns, PQFP100 256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture 256K X 36 ZBT SRAM, 5 ns, PBGA119 256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture 256 × 36/512K × 18流水线的SRAM架构的总线延迟
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
|